Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24133RGYR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # bq24133RGYR
Description  1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24133RGYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button bq24133RGYR Datasheet HTML 5Page - Texas Instruments bq24133RGYR Datasheet HTML 6Page - Texas Instruments bq24133RGYR Datasheet HTML 7Page - Texas Instruments bq24133RGYR Datasheet HTML 8Page - Texas Instruments bq24133RGYR Datasheet HTML 9Page - Texas Instruments bq24133RGYR Datasheet HTML 10Page - Texas Instruments bq24133RGYR Datasheet HTML 11Page - Texas Instruments bq24133RGYR Datasheet HTML 12Page - Texas Instruments bq24133RGYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
bq24133
www.ti.com
SLUSAF7B
– DECEMBER 2010 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS (continued)
4.5V
≤ V(PVCC, AVCC) ≤ 17V, –40°C < TJ + 125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BAT OVER-VOLTAGE COMPARATOR
VOV_RISE
Over-voltage rising threshold
As percentage of VBAT_REG
104%
VOV_FALL
Over-voltage falling threshold
As percentage of VSRN
102%
INPUT OVER-VOLTAGE COMPARATOR (ACOV)
AC Over-Voltage Rising Threshold to turn
VACOV
OVPSET rising
1.55
1.6
1.65
V
off ACFET
VACOV_HYS
AC over-voltage falling hysteresis
OVPSET falling
50
mV
AC Over-Voltage Rising Deglitch to turn off
tACOV_RISE_DEG
OVPSET rising
1
µs
ACFET and Disable Charge
AC Over-Voltage Falling Deglitch to Turn on
tACOV_FALL_DEG
OVPSET falling
30
ms
ACFET
INPUT UNDER-VOLTAGE COMPARATOR (ACUV)
AC Under-Voltage Falling Threshold to turn
VACUV
OVPSET falling
0.45
0.5
0.55
V
off ACFET
VACUV_HYS
AC Under-Voltage Rising Hysteresis
OVPSET rising
100
mV
AC Under-Voltage Falling Deglitch to turn
tACOV_FALL_DEG
OVPSET falling
1
µs
off ACFET and Disable Charge
AC Under-Voltage Rising Deglitch to turn on
tACOV_RISE_DEG
OVPSET rising
30
ms
ACFET
THERMAL REGULATION
TJ_REG
Junction Temperature Regulation Accuracy
ISET
> 120mV, Charging
120
°C
THERMAL SHUTDOWN COMPARATOR
TSHUT
Thermal shutdown rising temperature
Temperature rising
150
°C
TSHUT_HYS
Thermal shutdown hysteresis
Temperature falling
20
°C
tSHUT_RISE_DEG
Thermal shutdown rising deglitch
Temperature rising
100
µs
tSHUT_FALL_DEG
Thermal shutdown falling deglitch
Temperature falling
10
ms
THERMISTOR COMPARATOR
Cold Temperature Threshold, TS pin
Charger suspends charge. As percentage to
VLTF
72.5%
73.5%
74.5%
Voltage Rising Threshold
VVREF
Cold Temperature Hysteresis, TS pin
VLTF_HYS
As percentage to VVREF
0.2%
0.4%
0.6%
Voltage Falling
Hot Temperature TS pin voltage rising
VHTF
As percentage to VVREF
46.6%
47.2%
48.8%
Threshold
Cut-off Temperature TS pin voltage falling
VTCO
As percentage to VVREF
44.2%
44.7%
45.2%
Threshold
Deglitch time for Temperature Out of Range
VTS > VLTF, or VTS < VTCO, or
tTS_CHG_SUS
20
ms
Detection
VTS < VHTF
Deglitch time for Temperature in Valid
VTS < VLTF – VLTF_HYS or VTS >VTCO, or VTS >
tTS_CHG_RESUME
400
ms
Range Detection
VHTF
CHARGE OVER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
Charge Over-Current Rising Threshold,
VOCP_CHRG
Current as percentage of fast charge current
160%
VSRP>2.2V
VOCP_MIN
Charge Over-Current Limit Min, VSRP<2.2V
Measure VSRP-SRN
45
mV
VOCP_MAX
Charge Over-Current Limit Max, VSRP>2.2V
Measure VSRP-SRN
75
mV
HSFET OVER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
IOCP_HSFET
Current limit on HSFET
Measure on HSFET
6
A
CHARGE UNDER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
VUCP
Charge under-current falling threshold
Measure on V(SRP-SRN)
1
5
9
mV
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24133


Similar Part No. - bq24133RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24133 TI-BQ24133_15 Datasheet
2Mb / 40P
[Old version datasheet]   bq24133 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone BatteryCharger With Integrated MOSFETs and Power Path Selector
More results

Similar Description - bq24133RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24133 TI-BQ24133_15 Datasheet
2Mb / 40P
[Old version datasheet]   bq24133 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone BatteryCharger With Integrated MOSFETs and Power Path Selector
BQ24171 TI-BQ24171_15 Datasheet
2Mb / 39P
[Old version datasheet]   bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com