Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ8015 Datasheet(PDF) 48 Page - Texas Instruments

Part # BQ8015
Description  Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ8015 Datasheet(HTML) 48 Page - Texas Instruments

Back Button BQ8015 Datasheet HTML 42Page - Texas Instruments BQ8015 Datasheet HTML 43Page - Texas Instruments BQ8015 Datasheet HTML 44Page - Texas Instruments BQ8015 Datasheet HTML 45Page - Texas Instruments BQ8015 Datasheet HTML 46Page - Texas Instruments BQ8015 Datasheet HTML 47Page - Texas Instruments BQ8015 Datasheet HTML 48Page - Texas Instruments BQ8015 Datasheet HTML 49Page - Texas Instruments BQ8015 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
bq8015
SLUS522A – JANUARY 2002 – REVISED SEPTEMBER 2002
48
www.ti.com
MECHANICAL DATA
DBT (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
30 PINS SHOWN
0,75
0,25
0,50
0,15 NOM
Gage Plane
50
12,60
38
9,80
11,10
44
12,40
9,60
10,90
4073252/D 09/97
4,30
4,50
0,27
0,17
16
15
30
A
1
7,90
30
DIM
A MAX
PINS **
7,70
A MIN
1,20 MAX
6,60
6,20
Seating Plane
0,10
0,50
M
0,08
0
°–8°
7,90
28
7,70
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-153


Similar Part No. - BQ8015

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-18-TR ACUTECH-BQ8211CY-M5-18-TR Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-18-TRL ACUTECH-BQ8211CY-M5-18-TRL Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-25-TR ACUTECH-BQ8211CY-M5-25-TR Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-25-TRL ACUTECH-BQ8211CY-M5-25-TRL Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
More results

Similar Description - BQ8015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN8040 TI-SN8040 Datasheet
818Kb / 88P
[Old version datasheet]   Cool-GG Programmable Battery Management IC
FEBRUARY 2008
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Shenzhen Huazhimei Semi...
HM5051 HMSEMI-HM5051 Datasheet
811Kb / 11P
   Ampere Lithium Battery Charge Management IC
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4002 AITSEMI-A4002 Datasheet
699Kb / 12P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com