Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ8015 Datasheet(PDF) 34 Page - Texas Instruments

Part # BQ8015
Description  Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ8015 Datasheet(HTML) 34 Page - Texas Instruments

Back Button BQ8015 Datasheet HTML 30Page - Texas Instruments BQ8015 Datasheet HTML 31Page - Texas Instruments BQ8015 Datasheet HTML 32Page - Texas Instruments BQ8015 Datasheet HTML 33Page - Texas Instruments BQ8015 Datasheet HTML 34Page - Texas Instruments BQ8015 Datasheet HTML 35Page - Texas Instruments BQ8015 Datasheet HTML 36Page - Texas Instruments BQ8015 Datasheet HTML 37Page - Texas Instruments BQ8015 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
bq8015
SLUS522A – JANUARY 2002 – REVISED SEPTEMBER 2002
34
www.ti.com
RB_OUT (address 7001h): RB output register
The RB output register controls the output state of the RB pins.
RB_OUT Register (Address 7001h)
7
6
5
4
3
2
1
0
Name
RBOUT7
RBOUT6
RBOUT5
RBOUT4
RBOUT3
RBOUT2
RBOUT1
RBOUT0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
1
1
1
1
1
1
1
RBOUT7 (bit 7):
1 = Do not drive pin RB7 (open drain 3-state)
0 = Drive pin RB7 to a logic 0
RBOUT6 (bit 6):
1 = Do not drive pin RB6 (open drain 3-state)
0 = Drive pin RB6 to a logic 0
RBOUT5 (bit 5):
1 = Do not drive pin RB5 (open drain 3-state)
0 = Drive pin RB5 to a logic 0
RBOUT4 (bit 4):
1 = Do not drive pin RB4 (open drain 3-state)
0 = Drive pin RB4 to a logic 0
RBOUT3 (bit 3):
1 = Do not drive pin RB3 (open drain 3-state)
0 = Drive pin RB3 to a logic 0
RBOUT2 (bit 2):
1 = Do not drive pin RB2 (open drain 3-state)
0 = Drive pin RB2 to a logic 0
RBOUT1 (bit1):
1 = Drive pin RB1 (open drain 3-state) required state for using EV
0 = Drive pin RB1 to a logic 0
RBOUT0 (bit 0):
1 = Drive pin RB0 (open drain 3-state) required state for using INT
0 = Drive pin RB0 to a logic 0


Similar Part No. - BQ8015

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-18-TR ACUTECH-BQ8211CY-M5-18-TR Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-18-TRL ACUTECH-BQ8211CY-M5-18-TRL Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-25-TR ACUTECH-BQ8211CY-M5-25-TR Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-25-TRL ACUTECH-BQ8211CY-M5-25-TRL Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
More results

Similar Description - BQ8015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN8040 TI-SN8040 Datasheet
818Kb / 88P
[Old version datasheet]   Cool-GG Programmable Battery Management IC
FEBRUARY 2008
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Shenzhen Huazhimei Semi...
HM5051 HMSEMI-HM5051 Datasheet
811Kb / 11P
   Ampere Lithium Battery Charge Management IC
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4002 AITSEMI-A4002 Datasheet
699Kb / 12P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com