Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq76PL536ATPAPQ1 Datasheet(PDF) 9 Page - Texas Instruments

Part # bq76PL536ATPAPQ1
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq76PL536ATPAPQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button bq76PL536ATPAPQ1 Datasheet HTML 5Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 6Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 7Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 8Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 9Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 10Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 11Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 12Page - Texas Instruments bq76PL536ATPAPQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
bq76PL536A-Q1
www.ti.com
SLUSAM3
– MAY 2011
VCn (Cell) Inputs
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 105°C and VBAT = 7.2 V
to 27 V (unless otherwise noted), FUNCTION_CONFIG[]=01xxxx00b for all test conditions (6-
µs conversion time selected).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
VCn
– VCn–1, where n = 1 to 6
0
6
V
VRES
Voltage resolution(2)
14 bits
~378
µV
Voltage accuracy, total
–10°C ≤ TA ≤ 50°C, 1.2 V < VIN < 4.5 V
–2.5
±1
2.5
VACC
error,
mV
–40°C ≤ TA ≤ 105°C, 1.2 V < VIN < 4.5 V
–5
5
VIN = VCn to VCn–1
RIN
Effective input resistance
Converting
2
M
Ω
CIN
Input capacitance
Converting
1
pF
EN
NoiseSLUSA086559
VIN = 3 V
<250 µVRMS
(1)
0 V may not lie within the range of measured values due to offset voltage limit and device calibration.
(2)
See text for specific conversion formula.
VBAT (VBRICK) Measurement
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 105°C and VBAT = 7.2 V
to 27 V (unless otherwise noted), FUNCTION_CONFIG[] = 01xxxx00b for all test conditions
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Input voltage range(1),
VIN
FUNCTION_CONFIG[] = 0101xx00b
0
30
V
BATn to VSS
VRES
Voltage resolution(2)
14 bits
~1.831
mV
VACC
Voltage accuracy
Total error
–80
–30
20
mV
CIN
Input capacitance
Converting
1
pF
RIN
Effective input resistance
Converting
50
k
Ω
EN
Noise
<1.5
mVRMS
(1)
0 V may not lie within the range of measured values due to offset voltage limit and device calibration.
(2)
See text for specific conversion formula.
GPAI Measurement
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 105°C and VBAT = 7.2 V
to 27 V (unless otherwise noted), FUNCTION_CONFIG[] = 0101xx00b for all test conditions
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Input voltage range,(1)
VIN
0
2.5
V
GPAI+ to GPAI
VRES
Voltage resolution(2)
14 bits
~153
µV
0.25 V
≤ VIN ≤ 2.5 V
–7
7
Voltage accuracy, VIN =
VACC
mV
GPAI+
– GPAI–
VIN = 1.25 V, TA = 25°C
±2
CIN
Input capacitance
Converting
40
pF
RIN
Effective input resistance
Converting
50
K
Ω
EN
Noise
<150
µVRMS
(1)
0 V may not lie within the range of measured values due to offset voltage limit and device calibration.
(2)
See text for specific conversion formula.
TSn Measurement
Typical values stated where TA = 25°C and VBAT = 20V, Min/Max values stated where TA = –40˚C to 105°C and VBAT = 7.2V
to 27V (unless otherwise noted), FUNCTION_CONFIG[]=01xxxx00b for all Test Conditions
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN
Input voltage range,(1) TSn+ TSn
0
2.5
V
(1)
0 V may not lie within the range of measured values due to offset voltage limit and device calibration.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq76PL536A-Q1


Similar Part No. - bq76PL536ATPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq76PL536ATPAPQ1 TI-bq76PL536ATPAPQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
More results

Similar Description - bq76PL536ATPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536ATPAPRQ1 TI1-BQ76PL536ATPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Sanyo Semicon Device
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com