Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2083 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2083
Description  SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2083 Datasheet(HTML) 5 Page - Texas Instruments

  BQ2083 Datasheet HTML 1Page - Texas Instruments BQ2083 Datasheet HTML 2Page - Texas Instruments BQ2083 Datasheet HTML 3Page - Texas Instruments BQ2083 Datasheet HTML 4Page - Texas Instruments BQ2083 Datasheet HTML 5Page - Texas Instruments BQ2083 Datasheet HTML 6Page - Texas Instruments BQ2083 Datasheet HTML 7Page - Texas Instruments BQ2083 Datasheet HTML 8Page - Texas Instruments BQ2083 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
bq2083-V1P2
SLUS573A − JULY 2003 − REVISED NOVEMBER 2003
www.ti.com
5
Vhys
VIT−
110
115
120
125
130
135
140
145
150
TA − Free-Air Temperature − °C
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
−20
−5
10
25
40
55
70
85
POR BEHAVIOR
vs
FREE-AIR TEMPERATURE
Figure 1
INTEGRATING ADC CHARACTERISTICS
VDD = 3.0 V to 3.6 V, TA = −20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(SR)
Input voltage range, V(SR2) and V(SR1)
VSR = V(SR2) – V(SR1)
–0.3
1.0
V
V(SROS)
Input offset
1
µV
INL
Integral nonlinearity error
0.003%
0.009%
PLL SWITCHING CHARACTERISTICS
VDD = 3.0 V to 3.6 V, TA = −20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(sp)
Start-up time (see Note 1)
±0.5% frequency error
2
5
ms
(1) The frequency error is measured from 32.768 Hz.
External Oscillator
VDD = 3.0 V to 3.6 V, TA = −20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(exo)
Frequency error (see Note 1)
−0.025%
0.025%
f(exo)
Frequency error (see Note 1)
VDD = 3.3 V
−1%
1%
f(sxo)
Start-up time (see Note 2)
275
µs
(1) The frequency error is measured from 32.768 Hz.
(2) The start-up time is defined as the time it takes for the oscillator output frequency to be ±1%.


Similar Part No. - BQ2083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083DBT TI-BQ2083DBT Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2083DBT-V1P2 TI-BQ2083DBT-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2083DBT-V1P3 TI-BQ2083DBT-V1P3 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
More results

Similar Description - BQ2083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085 TI-BQ2085 Datasheet
822Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com