Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBCP-47HY2R7B Datasheet(PDF) 3 Page - NEC

Part # SBCP-47HY2R7B
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBCP-47HY2R7B Datasheet(HTML) 3 Page - NEC

  SBCP-47HY2R7B Datasheet HTML 1Page - NEC SBCP-47HY2R7B Datasheet HTML 2Page - NEC SBCP-47HY2R7B Datasheet HTML 3Page - NEC SBCP-47HY2R7B Datasheet HTML 4Page - NEC SBCP-47HY2R7B Datasheet HTML 5Page - NEC SBCP-47HY2R7B Datasheet HTML 6Page - NEC SBCP-47HY2R7B Datasheet HTML 7Page - NEC SBCP-47HY2R7B Datasheet HTML 8Page - NEC SBCP-47HY2R7B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
Power Inductors VOL.10
3
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
Large-Current Power Inductors
MPC Series
P9
Large-Current Power Inductors
MPCG Series
P13
Large-Current Power Inductors
MPLC Series
P15
P17
Large-Current Power Inductors
C • PI Series
P20
Leadless Power Inductors
PLC-0735 Series
P23
Leadless Power Inductors
PLC-0745 Series
P26
Leadless Power Inductors
PLC-0755 Series
P29
Leadless Power Inductors
PLC-0760 Series
P32
Leadless Power Inductors
PLC-1035 Series
P35
Leadless Power Inductors
PLC-1045 Series
P38
Leadless Power Inductors
PLC-1055 Series
P41
Leadless Power Inductors
PLC-1060 Series
P44
Leadless Power Inductors
PLC-1235 Series
P47
Leadless Power Inductors
PLC-1245 Series
P50
Leadless Power Inductors
PLC-1255 Series
P53
Leadless Power Inductors
P • I Series
P55
Leadless Power Inductors
P • H Series
P57
SN-S3M Series
P59
Leadless Power Inductors
H • DI-0520 Series
P61
Leadless Power Inductors
H • DI-0630 Series
P63
Leadless Power Inductors
H • DI-0740 Series
P65
Leadless Power Inductors
H • DI-0940 Series
P67
Leadless Power Inductors
H • DI-1040 Series
P69
Leadless Power Inductors
H • DI-1240 Series
P71
Leadless Power Inductors
H • DI-1245G Series
P73
Leadless Power Inductors
H • DI-1280G Series
P75
High Inductance Type SMD Inductors
H • LI Series
P77
SSB Coils
P83
OH Coils
P85
SHP Coils
P86
SBC Coils
P92
SBCP-47HY Coils
Power Inductors
SMD Type
DIP Type
SBCP-80HY Coils
P96
P94
SBCP-87HY Coils
(Continued)
Classification of NEC TOKIN
's EMI suppression parts


Similar Part No. - SBCP-47HY2R7B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBCP-47HY2R7B KEMET-SBCP-47HY2R7B Datasheet
86Kb / 1P
   KEMET, SBCP-47HY, Power, 2700 nH, 20%, 2.5mm
More results

Similar Description - SBCP-47HY2R7B

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com