Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ76PL536A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536A-Q1
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ76PL536A-Q1 Datasheet HTML 1Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 2Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 3Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 4Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 5Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 6Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 7Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 8Page - Texas Instruments BQ76PL536A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
bq76PL536A-Q1
www.ti.com
SLUSAM3
– MAY 2011
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and
HEV Applications
Check for Samples: bq76PL536A-Q1
1
FEATURES
DESCRIPTION
The bq76PL536A-Q1 is a stackable three to six
2
3 to 6 Series Cell Support, All Chemistries
series cell lithium-ion battery pack protector and
Hot-Pluggable
analog front end (AFE) that incorporates a precision
High-Speed SPI for Data Communications
analog-to-digital converter (ADC); independent cell
Stackable Vertical Interface
voltage and temperature protection; cell balancing,
and a precision 5-V regulator to power user circuitry.
No Isolation Components Required Between
ICs
The bq76PL536A-Q1 integrates a voltage translation
Qualified for Automotive Applications
and precision analog-to-digital converter system to
Temperature Range
–40°C to 105°C
measure battery cell voltages with high accuracy and
speed.
High-Accuracy Analog-to-Digital Converter
(ADC):
The
bq76PL536A-Q1
provides
full
protection
– ±1 mV Typical Accuracy
(secondary protection) for overvoltage, undervoltage,
and
overtemperature
conditions.
When
safety
– 14-Bit Resolution, 6-µs Conversion Time
thresholds are exceeded, the bq76PL536A-Q1 sets
– Nine ADC Inputs: 6 Cell Voltages, 1 Six-Cell
the FAULT output. No external components are
Brick Voltage, 2 Temperatures, 1
needed to configure or enable the protection features.
General-Purpose Input
– Dedicated Pins for Synchronizing
Cell voltage and temperature protection functions are
Measurements
independent of the ADC system. Programmable
protection thresholds and detection delay times are
Configuration Data Stored in ECC-OTP
stored in Error Check/Correct (ECC) OTP EPROM,
Registers
which increases the flexibility and reliability of the
Built-In Comparators (Secondary Protector)
battery management system.
for:
The bq76PL536A-Q1 is intended to be used with a
– Over- and Undervoltage Protection
host controller to maximize the functionality of the
– Overtemperature Protection
battery management system. However, the protection
– Programmable Thresholds and Delay Times
functions do not require a host controller.
– Dedicated Fault Signals
The bq76PL536A-Q1 can be stacked vertically to
Cell Balancing Control Outputs With Safety
monitor up to 192 cells without additional isolation
Timeout
components
between
ICs.
A
high-speed
serial
– Balance Current Set by External
peripheral interface (SPI) bus operates between each
Components
bq76PL536A-Q1 to provide reliable communications
Supply Voltage Range from 6 V to 30 V
through a high-voltage battery cell stack.
Continuous and 36 V Peak
Low Power:
– Typical 12-µA Sleep, 45-µA Idle
Integrated Precision 5-V, 3-mA LDO
APPLICATIONS
Electric and Hybrid Electric Vehicles
E-Bike and E-Scooter
Uninterruptible Power Systems (UPS)
Large-Format Battery Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ76PL536A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
More results

Similar Description - BQ76PL536A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536ATPAPRQ1 TI1-BQ76PL536ATPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Sanyo Semicon Device
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com