Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVCE6467T Datasheet(PDF) 1 Page - Texas Instruments

Part # AVCE6467T
Description  VCE6467T, AVCE6467T Digital Media System-on-Chip
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AVCE6467T Datasheet(HTML) 1 Page - Texas Instruments

  AVCE6467T Datasheet HTML 1Page - Texas Instruments AVCE6467T Datasheet HTML 2Page - Texas Instruments AVCE6467T Datasheet HTML 3Page - Texas Instruments AVCE6467T Datasheet HTML 4Page - Texas Instruments AVCE6467T Datasheet HTML 5Page - Texas Instruments AVCE6467T Datasheet HTML 6Page - Texas Instruments AVCE6467T Datasheet HTML 7Page - Texas Instruments AVCE6467T Datasheet HTML 8Page - Texas Instruments AVCE6467T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 352 page
background image
VCE6467T, AVCE6467T
www.ti.com
SPRS690 – MARCH 2011
VCE6467T, AVCE6467T
Digital Media System-on-Chip
Check for Samples: VCE6467T, AVCE6467T
1
Digital Media System-on-Chip (DMSoC)
1.1
Features
12
Set-Associative)
• High-Performance Digital Media SoC
– 128K-Byte L2 Unified Mapped RAM/Cache
– 1-GHz C64x+™ Clock Rate
(Flexible RAM/Cache Allocation)
– 500-MHz ARM926EJ-S™ Clock Rate
• ARM926EJ-S Core
– Eight 32-Bit C64x+ Instructions/Cycle
– Support for 32-Bit and 16-Bit (Thumb®
– 8000 C64x+ MIPS
Mode) Instruction Sets
– Fully Software-Compatible With C64x /
– DSP Instruction Extensions and Single Cycle
ARM9™
MAC
– Industrial Temperature Devices Available
– ARM® Jazelle® Technology
• Advanced Very-Long-Instruction-Word (VLIW)
– EmbeddedICE-RT™ Logic for Real-Time
TMS320C64x+™ DSP Core
Debug
– Eight Highly Independent Functional Units
• ARM9 Memory Architecture
Six ALUs (32-/40-Bit), Each Supports
– 16K-Byte Instruction Cache
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
– 8K-Byte Data Cache
Arithmetic per Clock Cycle
– 32K-Byte RAM
Two Multipliers Support Four 16 x 16-Bit
Multiplies (32-Bit Results) per Clock
– 8K-Byte ROM
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
• Video Communications Engine Software
Results) per Clock Cycle
– Point-to-Point SIP Video Calling
– Load-Store Architecture With Non-Aligned
– Up to 720p30 Resolution and Frame Rate
Support
– Low-Latency and A/V Synchronization
– 64 32-Bit General-Purpose Registers
– Integrated Bandwidth Management Control
– Instruction Packing Reduces Code Size
– Basic Package Included [AVCE6467T Only]
– All Instructions Conditional
– Forward Error Correction (FEC) [AVCE6467T
– Additional C64x+™ Enhancements
Only]
Protected Mode Operation
– Audio Codecs
Exceptions Support for Error Detection
G.711
and Program Redirection
G.722 [AVCE6467T Only]
Hardware Support for Modulo Loop
– Video Codecs
Operation
H.264 AVC
• C64x+ Instruction Set Features
H.264 SVC (Scalable Video Coding)
– Byte-Addressable (8-/16-/32-/64-Bit Data)
[AVCE6467T Only]
– 8-Bit Overflow Protection
• Embedded Trace Buffer™ (ETB11™) With 4KB
– Bit-Field Extract, Set, Clear
Memory for ARM9 Debug
– Normalization, Saturation, Bit-Counting
• Endianness: Little Endian for ARM and DSP
– Compact 16-Bit Instructions
• Dual Programmable High-Definition Video
– Additional Instructions to Support Complex
Image Co-Processor (HDVICP) Engines
Multiplies
– Supports a Range of Encode, Decode, and
• C64x+ L1/L2 Memory Architecture
Transcode Operations
– 32K-Byte L1P Program RAM/Cache (Direct
H.264, MPEG2, VC1, MPEG4 SP/ASP
Mapped)
• 108-MHz Video Port Interface (VPIF)
– 32K-Byte L1D Data RAM/Cache (2-Way
– Two 8-Bit SD (BT.656), Single 16-Bit HD
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AVCE6467T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 353P
[Old version datasheet]   Digital Media System-on-Chip
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467TZUTL1 TI1-AVCE6467TZUTL1 Datasheet
2Mb / 353P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - AVCE6467T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCE6467T TI1-VCE6467T Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com