Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE8220-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220-Q1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  AFE8220-Q1 Datasheet HTML 1Page - Texas Instruments AFE8220-Q1 Datasheet HTML 2Page - Texas Instruments AFE8220-Q1 Datasheet HTML 3Page - Texas Instruments AFE8220-Q1 Datasheet HTML 4Page - Texas Instruments AFE8220-Q1 Datasheet HTML 5Page - Texas Instruments AFE8220-Q1 Datasheet HTML 6Page - Texas Instruments AFE8220-Q1 Datasheet HTML 7Page - Texas Instruments AFE8220-Q1 Datasheet HTML 8Page - Texas Instruments AFE8220-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
AUXILIARY DAC SPECIFICATIONS
DIGITAL I/O SPECIFICATIONS
CLOCK OSCILLATOR SPECIFICATIONS
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
TA = 25°C, AVDD = IOVDD = 3.3 V, DVDD = 1.8 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
Resolution
12
Bits
Output Voltage Range
Input code 0x000
0
V
Output voltage range
Input code 0x3FF
2.7
V
Settling Time
Settling time
0.1% of FSR
10
µs
DC Performance
Offset
±1
% of FSR
Gain error
±5
% of FSR
DNL
Monotonic
±0.5
LSB
INL
Offset and gain errors removed
±3.0
LSB
PSRR
Input code 0x200, AVDD = 3.15 VDC to 3.6 VDC
30.0
dB
TA = 25°C, IOVDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
VIH = 1.6 V to 3.6 V
–10
10
µA
IIL
Low-level input current
VIL = 0 V to 0.4 V
–10
10
µA
VOH
High-level output voltage
IOH = –50 µA
0.8 × IOVDD
V
VOL
Low-level output voltage
IOL = 50 µA
0.2 × IOVDD
V
TA = 25°C, IOVDD = 1.8 V, DVDD = 1.8 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fXTAL
Crystal frequency
See the Master Clock Oscillator section
20
75
MHz
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1


Similar Part No. - AFE8220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
AFE8221-Q1 TI1-AFE8221-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
AFE8221IRFPQ1 TI1-AFE8221IRFPQ1 Datasheet
1Mb / 59P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
AFE8221RFP TI-AFE8221RFP Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
More results

Similar Description - AFE8220-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8221-Q1 TI1-AFE8221-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
STMicroelectronics
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
   RF FRONT-END FOR DIGITAL RADIO
logo
Mixed Signal Integratio...
MSRFIF MSI-MSRFIF Datasheet
53Kb / 4P
   Radio Frequency Interface Front End
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com