Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE4300 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4300
Description  Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4300 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE4300 Datasheet HTML 2Page - Texas Instruments AFE4300 Datasheet HTML 3Page - Texas Instruments AFE4300 Datasheet HTML 4Page - Texas Instruments AFE4300 Datasheet HTML 5Page - Texas Instruments AFE4300 Datasheet HTML 6Page - Texas Instruments AFE4300 Datasheet HTML 7Page - Texas Instruments AFE4300 Datasheet HTML 8Page - Texas Instruments AFE4300 Datasheet HTML 9Page - Texas Instruments AFE4300 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SCLK
STE
SDIN
SDOUT
t
SCLK
t
CSSC
t
SPWH
t
DIHD
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
t
SCCS
t
SCSC
t
CSH
t
CSDOD
t
DIST
Hi-Z
Hi-Z
AFE4300
SBAS586A – JUNE 2012 – REVISED JUNE 2012
www.ti.com
SPI TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
TIMING REQUIREMENTS: SERIAL INTERFACE TIMING
At TA = 0°C to +70°C and VDD = 2 V to 3.6 V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCSSC
STE low to first SCLK setup time(1)
100
ns
tSCLK
SCLK period
250
ns
tSPWH
SCLK pulse width high
100
ns
tSPWL
SCLK pulse width low
100
ns
tDIST
Valid SDIN to SCLK falling edge setup time
50
ns
tDIHD
Valid SDIN to SCLK falling edge hold time
50
ns
tDOPD
SCLK rising edge to valid new SDOUT propagation delay(2)
50
ns
tDOHD
SCLK rising edge to DOUT invalid hold time
0
ns
tCSDOD
STE low to SDOUT driven propagation delay
100
ns
tCSDOZ
STE high to SDOUT Hi-Z propagation delay
100
ns
tCSH
STE high pulse
200
ns
tSCCS
Final SCLK falling edge to STE high
100
ns
(1)
STE can be tied low.
(2)
DOUT load = 20 pF || 100 k
Ω to DGND.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE4300


Similar Part No. - AFE4300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4300PN TI1-AFE4300PN Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
More results

Similar Description - AFE4300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08 TI1-ADS130E08_14 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
[Old version datasheet]   AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
logo
Analog Devices
AD8451 AD-AD8451 Datasheet
911Kb / 32P
   Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com