Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6125IRHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6125IRHBT
Description  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6125IRHBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS6125IRHBT Datasheet HTML 6Page - Texas Instruments ADS6125IRHBT Datasheet HTML 7Page - Texas Instruments ADS6125IRHBT Datasheet HTML 8Page - Texas Instruments ADS6125IRHBT Datasheet HTML 9Page - Texas Instruments ADS6125IRHBT Datasheet HTML 10Page - Texas Instruments ADS6125IRHBT Datasheet HTML 11Page - Texas Instruments ADS6125IRHBT Datasheet HTML 12Page - Texas Instruments ADS6125IRHBT Datasheet HTML 13Page - Texas Instruments ADS6125IRHBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
www.ti.com
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
TIMING CHARACTERISTICS – LVDS AND CMOS MODES (continued)
For timings at lower sampling frequencies, see section Output Timings in the APPLICATION INFORMATION of this data
sheet.
ADS6125
ADS6124
ADS6123
ADS6122
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Duty cycle of output
Output clock
clock (CLKOUT)
45%
50%
55%
45%
50%
55%
45%
50%
55%
45%
50%
55%
duty cycle
10
≤ Fs ≤ 125 MSPS
Rise time measured
from 20% to 80% of
Data rise
DRVDD
tr
time,
Fall time measured
0.8
1.5
2.4
0.8
1.5
2.4
0.8
1.5
2.4
0.8
1.5
2.4
ns
tf
Data fall
from 80% to 20% of
time
DRVDD
1
≤ Fs ≤ 125 MSPS
Rise time measured
from 20% to 80% of
tCLKRI
Output clock
DRVDD
SE
rise time,
Fall time measured
0.8
1.5
2.4
0.8
1.5
2.4
0.8
1.5
2.4
0.8
1.5
2.4
ns
tCLKFA
Output clock
from 80% to 20% of
LL
fall time
DRVDD
1
≤ Fs ≤ 125 MSPS
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Similar Part No. - ADS6125IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125IRHBT TI-ADS6125IRHBT Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBT TI-ADS6125IRHBT Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBTG4 TI-ADS6125IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBTG4 TI-ADS6125IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6125IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com