Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0720601VXC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0720601VXC
Description  CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-0720601VXC Datasheet(HTML) 5 Page - Texas Instruments

  5962-0720601VXC Datasheet HTML 1Page - Texas Instruments 5962-0720601VXC Datasheet HTML 2Page - Texas Instruments 5962-0720601VXC Datasheet HTML 3Page - Texas Instruments 5962-0720601VXC Datasheet HTML 4Page - Texas Instruments 5962-0720601VXC Datasheet HTML 5Page - Texas Instruments 5962-0720601VXC Datasheet HTML 6Page - Texas Instruments 5962-0720601VXC Datasheet HTML 7Page - Texas Instruments 5962-0720601VXC Datasheet HTML 8Page - Texas Instruments 5962-0720601VXC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADS5424-SP
www.ti.com
SLWS194B – MAY 2008 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS (Unchanged after 100 kRad) (continued)
Typical values at TC = 25°C, Over full temperature range is TC,MIN = –55°C to TC,MAX = 125°C, sampling rate = 105 MSPS,
50% clock duty cycle, AVDD = 5 V, DRVDD = 3.3 V, –1 dBFS differential input, and 3-VPP sinusoidal clock (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TC = 25°C
72.0
81.8
fIN = 10 MHz
Full Temp Range
71.0
TC= 25°C
77.0
80.6
fIN = 30 MHz
TC = TC,MAX
69.0
TC= TC,MIN
75.0
fIN = 50 MHz
86.5
HD2
Second harmonic
dBc
TC= 25°C
68.0
85.0
fIN = 70 MHz
TC = TC,MAX
69.0
TC= TC,MIN
67.0
fIN = 100 MHz
86.1
fIN = 170 MHz
93.0
fIN = 230 MHz
71.0
TC = 25°C
72.0
81.6
fIN = 10 MHz
Full Temp Range
71.0
TC= 25°C
77.0
81.3
fIN = 30 MHz
TC = TC,MAX
69.0
TC= TC,MIN
75.0
fIN = 50 MHz
78.1
HD3
Third harmonic
dBc
TC= 25°C
68.0
82.6
fIN = 70 MHz
TC = TC,MAX
69.0
TC= TC,MIN
67.0
fIN = 100 MHz
83.3
fIN = 170 MHz
68.0
fIN = 230 MHz
65.4
fIN = 10 MHz
Full Temp Range
75.0
85.5
TC= 25°C
80.0
83.8
fIN = 30 MHz
TC = TC,MAX
74.0
TC= TC,MIN
80.0
fIN = 50 MHz
87.0
Worst other harmonic/spur (other than
TC= 25°C
74.0
83.0
dBc
HD2 and HD3)
fIN = 70 MHz
TC = TC,MAX
72.0
TC= TC,MIN
74.0
fIN = 100 MHz
82.5
fIN = 170 MHz
79.8
fIN = 230 MHz
78.0
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5424-SP


Similar Part No. - 5962-0720601VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0720601VXC TI1-5962-0720601VXC Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - 5962-0720601VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9254R703F AD-AD9254R703F Datasheet
2Mb / 26P
   14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com