Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC70 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 5 Page - Diodes Incorporated

  SC70 Datasheet HTML 1Page - Diodes Incorporated SC70 Datasheet HTML 2Page - Diodes Incorporated SC70 Datasheet HTML 3Page - Diodes Incorporated SC70 Datasheet HTML 4Page - Diodes Incorporated SC70 Datasheet HTML 5Page - Diodes Incorporated SC70 Datasheet HTML 6Page - Diodes Incorporated SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
5 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VDD = 3V, unless otherwise specified.)
TA = +25°C, VIN = 3.3V, VOUT = VFB, IOUT = 5mA, unless otherwise specified.) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback voltage
ZXRE160A
0.597
0.6
0.603
V
ZXRE160
0.594
0.6
0.606
TA = 0°C to +85°C
ZXRE160A
0.595
0.605
ZXRE160
0.592
0.608
TA = -40°C to +85°C
ZXRE160A
0.594
0.606
ZXRE160
0.591
0.609
TA = -40°C to +125°C
ZXRE160A
0.593
0.607
ZXRE160
0.590
0.610
FBLOAD
Feedback pin load
regulation
IOUT = 1 to 15mA
3.8
6
mV
TA = -40 to +125°C
10
FBLINE
Feedback pin line
regulation
VIN = 2V to 18V
0.3
1
mV
VIN = 2.2V to 18V
TA = -40 to +125°C
1.5
FBOVR
Output voltage
regulation
VOUT = 0.2V to 18V,
IOUT = 1mA
(Ref. Figure 1)
1
mV
TA = -40 to +125°C
1.5
IFB
FB input bias current
VIN = 18V
-45
nA
TA = -40 to +125°C
-200
0
VFB = 0.7V
-50
50
IIN
Input current
VIN = 2V to 18V
IOUT = 0.3mA
0.35
0.7
mA
VIN = 2.2V to 18V
TA = -40 to +125°C
1
VIN = 2V to 18V
IOUT = 10mA
0.48
1
mA
VIN = 2.2V to 18V
TA = -40 to +125°C
1.5
VIN = 18V, IOUT = 0.3mA
VFB = 0.7V
3
IOUT(LK)
OUT leakage current
VIN = 18V,
VOUT = 18V,
VFB =0V
0.1
µA
TA = +125°C
1
ZOUT
Dynamic Output
Impedance
IOUT = 1 to 15mA
f < 1kHz
0.25
0.4
Ω
TA = -40 to +125°C
0.6
PSRR
Power supply rejection
ratio
F = 300kHz
VAC = 0.3VPP
>45
dB
BW
Amplifier Unity Gain
Frequency
Ref: Figure 2
600
kHz
G
Amplifier
Transconductance
5000
mA/V
Note:
4. Production testing of the device is performed at +25
°C. Functional operation of the device and parameters specified over the operating temperature
range are guaranteed by design, characterization and process control.


Similar Part No. - SC70

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
   Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
   Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Global Mixed-mode Techn...
SC70-5 GMT-SC70-5 Datasheet
121Kb / 1P
   Package Outline
logo
Wurth Elektronik GmbH &...
SC70-5L WURTH-SC70-5L Datasheet
229Kb / 5P
   TVS Diode Array WE-TVS
More results

Similar Description - SC70

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com