Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1282-HT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282-HT
Description  HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1282-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1282-HT Datasheet HTML 5Page - Texas Instruments ADS1282-HT Datasheet HTML 6Page - Texas Instruments ADS1282-HT Datasheet HTML 7Page - Texas Instruments ADS1282-HT Datasheet HTML 8Page - Texas Instruments ADS1282-HT Datasheet HTML 9Page - Texas Instruments ADS1282-HT Datasheet HTML 10Page - Texas Instruments ADS1282-HT Datasheet HTML 11Page - Texas Instruments ADS1282-HT Datasheet HTML 12Page - Texas Instruments ADS1282-HT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ADS1282-HT
www.ti.com
SBAS446F
– DECEMBER 2009 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS (continued)
Limit specifications at
–55°C to 210°C. Typical specifications at 25°C, AVDD = 2.5 V, AVSS = –2.5 V, fCLK
(1) = 4.096 MHz,
VREFP = 2.5 V, VREFN =
–2.5 V, DVDD = 3.3 V, CAPN – CAPP = 10 nF, PGA = 1, High-Resolution Mode, and fDATA = 1000
SPS, unless otherwise noted.
TA = –55°C to 125°C
TA = 210°C
(2)
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
POWER SUPPLY
AVSS
–2.6
0
–2.6
0
V
AVSS +
AVSS +
AVSS +
AVSS +
V
AVDD
4.75
5.25
4.75
5.25
DVDD
1.75
3.6
1.75
3.6
V
High-resolution mode
4.5
7.2
5.2
10
|mA|
Low-power mode
3
4.6
3.5
8
|mA|
AVDD, AVSS current
Standby mode
68
110
3000
3700
|
μA|
Power-down mode
68
110
3000
3700
|
μA|
All modes
0.6
1.5
1.2
2
mA
Modulator mode
0.1
1.1
mA
DVDD current
Standby mode
73
175
576
950
μA
Power-down mode(14)
32
120
186
240
μA
High-reolution mode
25
41
29.7
56.1
mW
Low-power mode
17
28
21.5
46.1
mW
Power dissipation
Standby mode
0.58
1.1
16.9
21.6
mW
Power-down mode
0.45
0.95
15.6
19.3
mW
(14) CLK input stopped.
Copyright
© 2009–2011, Texas Instruments Incorporated
9


Similar Part No. - ADS1282-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
More results

Similar Description - ADS1282-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com