Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1115-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1115-Q1
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1115-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1115-Q1 Datasheet HTML 1Page - Texas Instruments ADS1115-Q1 Datasheet HTML 2Page - Texas Instruments ADS1115-Q1 Datasheet HTML 3Page - Texas Instruments ADS1115-Q1 Datasheet HTML 4Page - Texas Instruments ADS1115-Q1 Datasheet HTML 5Page - Texas Instruments ADS1115-Q1 Datasheet HTML 6Page - Texas Instruments ADS1115-Q1 Datasheet HTML 7Page - Texas Instruments ADS1115-Q1 Datasheet HTML 8Page - Texas Instruments ADS1115-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADS1115
ADS1115
16-Bit DS
ADC
I C
Interface
2
Voltage
Reference
Oscillator
ALERT/RDY
SCL
SDA
ADDR
PGA
Comparator
ADS1115-Q1
MUX
AIN1
AIN2
AIN0
AIN3
ADS1115
Only
VDD
GND
ADS1115-Q1
www.ti.com
SBAS563
– DECEMBER 2011
Ultra-Small, Low-Power, 16-Bit
Analog-to-Digital Converter with Internal Reference
Check for Samples: ADS1115-Q1
1
FEATURES
DESCRIPTION
The ADS1115-Q1 is a precision analog-to-digital
23
WIDE SUPPLY RANGE: 2.0V to 5.5V
converter (ADCs) with 16 bits of resolution offered in
LOW CURRENT CONSUMPTION:
an ultra-small, leadless QFN-10 package or an
Continuous Mode: Only 150
μA
MSOP-10 package. The ADS1115-Q1 is designed
Single-Shot Mode: Auto Shut-Down
with precision, power, and ease of implementation in
mind.
The
ADS1115-Q1
feature
an
onboard
PROGRAMMABLE DATA RATE:
reference and oscillator. Data are transferred via an
8SPS to 860SPS
I2C-compatible
serial
interface;
four
I2C
slave
INTERNAL LOW-DRIFT
addresses
can
be
selected.
The
ADS1115-Q1
VOLTAGE REFERENCE
operates from a single power supply ranging from
INTERNAL OSCILLATOR
2.0V to 5.5V.
INTERNAL PGA
The ADS1115-Q1 can perform conversions at rates
I2C
™ INTERFACE: Pin-Selectable Addresses
up to 860 samples per second (SPS). An onboard
PGA is available on the ADS1115 that offers input
FOUR SINGLE-ENDED OR TWO
ranges from the supply to as low as
±256mV,
DIFFERENTIAL INPUTS
allowing both large and small signals to be measured
PROGRAMMABLE COMPARATOR
with high resolution. The ADS1115 also features an
input multiplexer (MUX) that provides two differential
APPLICATIONS
or four single-ended inputs.
AUTOMOTIVE APPLICATIONS
The
ADS1115-Q1
operate
either
in
continuous
conversion
mode
or
a
single-shot
mode
that
PORTABLE INSTRUMENTATION
automatically powers down after a conversion and
CONSUMER GOODS
greatly reduces current consumption during idle
BATTERY MONITORING
periods. The ADS1115-Q1 is specified from
–40°C to
TEMPERATURE MEASUREMENT
+125
°C.
FACTORY AUTOMATION AND PROCESS
CONTROLS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1115-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1115-Q1 TI-ADS1115-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results

Similar Description - ADS1115-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com