Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1000A1QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1000A1QDBVRQ1
Description  LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A1QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1000A1QDBVRQ1 Datasheet HTML 2Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 3Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 4Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 5Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 6Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 7Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 8Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 9Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADS1000-Q1
SBAS480A – SEPTEMBER 2009 – REVISED AUGUST 2010
www.ti.com
I2C INTERFACE
The ADS1000 communicates through an I2C (Inter-Integrated Circuit) interface. The I2C interface is a two-wire,
open-drain interface supporting multiple devices and masters on a single bus. Devices on the I2C bus only drive
the bus lines low, by connecting them to ground; they never drive the bus lines high. Instead, the bus wires are
pulled high by pullup resistors, so the bus wires are high when no device is driving them low. This way, two
devices cannot conflict; if two devices drive the bus simultaneously, there is no driver contention.
Communication on the I2C bus always takes place between two devices, one acting as the master and the other
acting as the slave. Both masters and slaves can read and write, but slaves can only do so under the direction of
the master. Some I2C devices can act as masters or slaves, but the ADS1000 can only act as a slave device.
An I2C bus consists of two lines, SDA and SCL. SDA carries data; SCL provides the clock. All data is transmitted
across the I2C bus in groups of eight bits. To send a bit on the I2C bus, the SDA line is driven to the bit level
while SCL is low (a Low on SDA indicates the bit is 0; a High indicates the bit is 1). Once the SDA line has
settled, the SCL line is brought high, then low. This pulse on SCL clocks the SDA bit into the receiver shift
register.
The I2C bus is bidirectional: the SDA line is used both for transmitting and receiving data. When a master reads
from a slave, the slave drives the data line; when a master sends to a slave, the master drives the data line. The
master always drives the clock line. The ADS1000 never drives SCL, because it cannot act as a master. On the
ADS1000, SCL is an input only.
Most of the time the bus is idle, no communication takes place, and both lines are high. When communication
takes place, the bus is active. Only master devices can start a communication. They do this by causing a start
condition on the bus. Normally, the data line is only allowed to change state while the clock line is low. If the data
line changes state while the clock line is high, it is either a start condition or its counterpart, a stop condition. A
start condition is when the clock line is high and the data line goes from high to low. A stop condition is when the
clock line is high and the data line goes from low to high.
After the master issues a start condition, it sends a byte that indicates with which slave device it wants to
communicate. This byte is called the address byte. Each device on an I2C bus has a unique 7-bit address to
which it responds. (Slaves can also have 10-bit addresses; see the I2C specification for details.) The master
sends an address in the address byte, together with a bit that indicates whether it wishes to read from or write to
the slave device.
Every byte transmitted on the I2C bus, whether it be address or data, is acknowledged with an acknowledge bit.
When a master has finished sending a byte, eight data bits, to a slave, it stops driving SDA and waits for the
slave to acknowledge the byte. The slave acknowledges the byte by pulling SDA low. The master then sends a
clock pulse to clock the acknowledge bit. Similarly, when a master has finished reading a byte, it pulls SDA low
to acknowledge to the slave that it has finished reading the byte. It then sends a clock pulse to clock the bit.
(Remember that the master always drives the clock line.)
A not-acknowledge is performed by simply leaving SDA high during an acknowledge cycle. If a device is not
present on the bus, and the master attempts to address it, it will receive a not-acknowledge because no device is
present at that address to pull the line low.
When a master has finished communicating with a slave, it may issue a stop condition. When a stop condition is
issued, the bus becomes idle again. A master may also issue another start condition. When a start condition is
issued while the bus is active, it is called a repeated start condition.
A timing diagram for an ADS1000 I2C transaction is shown in Figure 6. Table 1 gives the parameters for this
diagram.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1000-Q1


Similar Part No. - ADS1000A1QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1000A1QDBVRQ1 TI1-ADS1000A1QDBVRQ1 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1000A1QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com