Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69Q618TQ10R Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM69Q618TQ10R
Description  64K x 18 Bit Synchronous Separate I/O SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69Q618TQ10R Datasheet(HTML) 5 Page - Motorola, Inc

  MCM69Q618TQ10R Datasheet HTML 1Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 2Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 3Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 4Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 5Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 6Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 7Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 8Page - Motorola, Inc MCM69Q618TQ10R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MCM69Q618
5
MOTOROLA FAST SRAM
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VDD
– 0.5 to + 4.6
V
Voltage Relative to VSS for Any Pin
Except VDD
Vin, Vout
– 0.5 to VDD + 0.5
V
Output Current
Iout
± 20
mA
Power Dissipation
PD
TBD
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature — Plastic
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (See Note 1)
Rating
Symbol
TQFP
Unit
Notes
Junction to Ambient (@ 200 lfm)
Single Layer Board
Four Layer Board
R
θJA
40
25
°C/W
2
Junction to Board (Bottom)
R
θJB
17
°C/W
3
Junction to Case (Top)
R
θJC
9
°C/W
4
NOTES:
1. Junction temperature is a function of on–chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, board population, and board thermal resistance.
2. Per SEMI G38–87.
3. Indicates the average thermal resistance between the die and the printed circuit board.
4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC–883 Method 1012.1).
This is a synchronous device. All synchro-
nous inputs must meet specified setup and hold
times with stable logic levels for
ALL rising
edges of clock (K) while the device is selected.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to these high–impedance
circuits.


Similar Part No. - MCM69Q618TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ10 MOTOROLA-MCM69Q536TQ10 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ10R MOTOROLA-MCM69Q536TQ10R Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ6 MOTOROLA-MCM69Q536TQ6 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ6R MOTOROLA-MCM69Q536TQ6R Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
More results

Similar Description - MCM69Q618TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
NEC
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com