Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2300UFD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2300UFD
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2300UFD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2300UFD Datasheet HTML 1Page - Diodes Incorporated DMN2300UFD Datasheet HTML 2Page - Diodes Incorporated DMN2300UFD Datasheet HTML 3Page - Diodes Incorporated DMN2300UFD Datasheet HTML 4Page - Diodes Incorporated DMN2300UFD Datasheet HTML 5Page - Diodes Incorporated DMN2300UFD Datasheet HTML 6Page - Diodes Incorporated DMN2300UFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2300UFD
Datasheet Number: DS35443 Rev. 2 - 2
2 of 7
www.diodes.com
September 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN2300UFD
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current
Steady
State
TA = 25°C (Note 4)
ID
1.73
A
TA = 85°C (Note 4)
1.34
TA = 25°C (Note 5)
1.21
Pulsed Drain Current (Note 6)
IDM
6.0
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 4)
PD
0.96
W
(Note 5)
0.47
W
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
130
°C/W
(Note 5)
265
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of 2oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
5. Same as note 4, except the device is mounted on minimum recommended pad layout.
6. Device mounted on minimum recommended pad layout test board, 10µs pulse duty cycle = 1%.
Thermal Characteristics
0
1
2
3
4
5
6
7
8
9
10
0.0001 0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Fig. 1 Single Pulse Maximum Power Dissipation
Single Pulse
R
= 136 C/W
θJA
°
R
(t) = R
*r(t)
T - T = P*R
θθ
θ
JA
JA
JA
JA
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 2 SOA, Safe Operation Area
0.01
0.1
1
10
0.001
I (
A)
@
P
=1
0s
D
W
I (
A)
@
DC
D
I (
A)
@
P
=1
s
D
W
I (
A)
@
P
=1
00
ms
D
W
I (
A)
@
P
=1
0m
s
D
W
T
= 150 C
T= 25 C
Single Pulse
J(MAX)
A
°
°
R
Limited
DS(ON)
I(A) @P =1ms
DW
I(A) @
P =10µs
D
W
I
(A
) @
P
=1
00
µs
D
W


Similar Part No. - DMN2300UFD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2300UFD DIODES-DMN2300UFD_15 Datasheet
280Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2300UFD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com