Electronic Components Datasheet Search |
|
SL74HC4051D Datasheet(PDF) 5 Page - System Logic Semiconductor |
|
SL74HC4051D Datasheet(HTML) 5 Page - System Logic Semiconductor |
5 / 9 page SL74HC4051 System Logic Semiconductor SLS ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0.0 V) VCC VEE Limit * Symbol Parameter Test Conditions V V 25 °C Unit BW Maximum On- Channel Bandwidth or Minimum Frequency Response (Figure 5) fin=1 MHz Sine Wave Adjust fin Voltage to Obtain 0 dBm at VOS Increase fin Frequence Until dB Meter Reads -3 dB RL =50 Ω, C L=10 pF 2.25 4.50 6.00 -2.25 -4.50 -6.00 80 80 80 MHz - Off-Channel Feedthrough Isolation (Figure 6) fin= Sine Wave Adjust fin Voltage to Obtain 0 dBm at VIS fin = 10 kHz, RL =600 Ω, C L=50 pF 2.25 4.50 6.00 -2.25 -4.50 -6.00 -50 -50 -50 dB fin = 1.0 MHz, RL =50 Ω, C L=10 pF 2.25 4.50 6.00 -2.25 -4.50 -6.00 -40 -40 -40 - Feedthrough Noise, Channel Select Input to Common O/I (Figure 7) VIN ≤ 1 Mhz Square Wave (t r = tf = 6 ns) Adjust RL at Setup so that IS= 0 A Enable = GND RL =600 Ω, C L=50 pF 2.25 4.50 6.00 -2.25 -4.50 -6.00 25 105 135 mVPP RL =10 Ω, C L=10 pF 2.25 4.50 6.00 -2.25 -4.50 -6.00 35 145 190 THD Total Harmonic Distortion (Figure 15) fin= 1 kHz, RL =10 k Ω, C L=50 pF THD = THDMeasured - THDSource VIS =4.0 VPP sine wave VIS =8.0 VPP sine wave VIS =11.0 VPP sine wave 2.25 4.50 6.00 -2.25 -4.50 -6.00 0.10 0.08 0.05 % * Limits not tested. Determined by design and verified by qualification. |
Similar Part No. - SL74HC4051D |
|
Similar Description - SL74HC4051D |