Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6100151 Datasheet(PDF) 7 Page - Semikron International

Part # L6100151
Description  Board 3s SKYPER 32 R
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100151 Datasheet(HTML) 7 Page - Semikron International

Back Button L6100151 Datasheet HTML 3Page - Semikron International L6100151 Datasheet HTML 4Page - Semikron International L6100151 Datasheet HTML 5Page - Semikron International L6100151 Datasheet HTML 6Page - Semikron International L6100151 Datasheet HTML 7Page - Semikron International L6100151 Datasheet HTML 8Page - Semikron International L6100151 Datasheet HTML 9Page - Semikron International L6100151 Datasheet HTML 10Page - Semikron International L6100151 Datasheet HTML 11Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Board 3s SKYPER
® 32 R - Technical Explanations
7
2010-04-21 – Rev01
© by SEMIKRON
Setting Dynamic Short Circuit Protection
RCE & CCE
Designation
Pattern Name
Setting
R160
1206
RCE
Factory setting: not equipped
TOP
C150
1206
CCE
Factory setting: not equipped
TOP
R260
1206
RCE
Factory setting: not equipped
BOT
C250
1206
CCE
Factory setting: not equipped
BOT
Collector Series Resistance
RVCE
Designation
Pattern Name
Setting
R150
MiniMELF
RVCE *
Factory setting: not equipped
TOP
R250
MiniMELF
RVCE *
Factory setting: not equipped
BOT
* 1200V IGBT operation: 0
*
1700V IGBT operation: 1k
/ 0,4W
Adaptation Gate Resistors
RGon & RGoff
Designation
Pattern Name
Setting
R151, R152, R153
(parallel connected)
MiniMELF
RGon
Factory setting: not equipped
TOP
R155, R156, R157
(parallel connected)
MiniMELF
RGoff
Factory setting: not equipped
TOP
R251, R252, R253
(parallel connected)
MiniMELF
RGon
Factory setting: not equipped
BOT
R255, R256, R257
(parallel connected)
MiniMELF
RGoff
Factory setting: not equipped
BOT


Similar Part No. - L6100151

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
More results

Similar Description - L6100151

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100131 SEMIKRON-L6100131 Datasheet
256Kb / 7P
   Board 1 SKYPER 32 R
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
   EVALUATION BOARD 3S SKYPER 32PRO
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com