Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11544 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT11544
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11544 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT11544 Datasheet HTML 1Page - Texas Instruments 74ACT11544 Datasheet HTML 2Page - Texas Instruments 74ACT11544 Datasheet HTML 3Page - Texas Instruments 74ACT11544 Datasheet HTML 4Page - Texas Instruments 74ACT11544 Datasheet HTML 5Page - Texas Instruments 74ACT11544 Datasheet HTML 6Page - Texas Instruments 74ACT11544 Datasheet HTML 7Page - Texas Instruments 74ACT11544 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74ACT11544
OCTAL REGISTERED TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS133 − D3609, JULY 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2−5
PARAMETER MEASUREMENT INFORMATION
50% VCC
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Timing Input
(see Note B)
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
[ VCC
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
3 V
GND
Open
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
3 V
0 V
1.5 V
1.5 V
tw
VOLTAGE WAVEFORMS
Input
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 74ACT11544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DW TI-74ACT11543DW Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DW TI1-74ACT11543DW Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543DWR TI-74ACT11543DWR Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A_06 Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI-SN74F543 Datasheet
96Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com