Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT11520 Datasheet(PDF) 5 Page - Texas Instruments

Part # 54ACT11520
Description  8-BIT IDENTITY COMPARATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT11520 Datasheet(HTML) 5 Page - Texas Instruments

  54ACT11520 Datasheet HTML 1Page - Texas Instruments 54ACT11520 Datasheet HTML 2Page - Texas Instruments 54ACT11520 Datasheet HTML 3Page - Texas Instruments 54ACT11520 Datasheet HTML 4Page - Texas Instruments 54ACT11520 Datasheet HTML 5Page - Texas Instruments 54ACT11520 Datasheet HTML 6Page - Texas Instruments 54ACT11520 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
54ACT11520, 74ACT11520
8BIT IDENTITY COMPARATORS
SCAS009B − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−5
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
LOAD CIRCUIT
Input
(see Note B)
1.5 V
1.5 V
50% VCC
50% VCC
tPHL
tPLH
3 V
Output
VOL
VOH
0 V
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
TYPICAL CHARACTERISTICS
− 150
− 200
− 250
− 300
01
2
− 100
−50
Q INPUT CURRENT
vs
INPUT VOLTAGE
0
34
5
6
VI − Input Voltage − V
VCC = 5 V
TA = 25°C
Figure 2


Similar Part No. - 54ACT11520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11521 TI1-54ACT11521 Datasheet
84Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Similar Description - 54ACT11520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_07 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com