Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11258 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11258
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11258 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11258 Datasheet HTML 1Page - Texas Instruments 74ACT11258 Datasheet HTML 2Page - Texas Instruments 74ACT11258 Datasheet HTML 3Page - Texas Instruments 74ACT11258 Datasheet HTML 4Page - Texas Instruments 74ACT11258 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
74ACT11258
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
WITH 3STATE OUTPUTS
SCAS056A − D3278, JANUARY 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
PARAMETER MEASUREMENT INFORMATION
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
[ VCC
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
3 V
GND
Open
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 74ACT11258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11251 PHILIPS-74ACT11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
74ACT11251D PHILIPS-74ACT11251D Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
74ACT11251N PHILIPS-74ACT11251N Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74ACT11253 TI-74ACT11253 Datasheet
77Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11253 TI1-74ACT11253 Datasheet
90Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11258 TI1-74AC11258 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74ACT11257 TI-74ACT11257 Datasheet
99Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI1-74AC11257_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-EP TI1-SN74LVC257A-EP Datasheet
527Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11257 TI-74AC11257 Datasheet
301Kb / 12P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com