Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2331 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2331
Description  0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2331 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2331 Datasheet HTML 1Page - Diodes Incorporated AP2331 Datasheet HTML 2Page - Diodes Incorporated AP2331 Datasheet HTML 3Page - Diodes Incorporated AP2331 Datasheet HTML 4Page - Diodes Incorporated AP2331 Datasheet HTML 5Page - Diodes Incorporated AP2331 Datasheet HTML 6Page - Diodes Incorporated AP2331 Datasheet HTML 7Page - Diodes Incorporated AP2331 Datasheet HTML 8Page - Diodes Incorporated AP2331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP2331
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
AP2331
Document Number: DS35529 Rev. 4 - 2
1 of 11
www.diodes.com
May 2012
© Diodes Incorporated
Description
The AP2331 is single channel current-limited integrated high-side
power switches optimized for hot-swap applications. The devices
have fast short-circuit response time for improved overall system
robustness and provide a complete protection solution for application
subject to heavy capacitive loads and the prospect of short circuit. It
offers reverse-current blocking, over-current, over-temperature and
short-circuit protection, as well as controlled rise time and under-
voltage lockout functionality.
The device is available in SOT23 and SC59 packages.
Features
Input voltage range: 2.7V – 5.2V
Fast short-circuit response time
0.4A accurate current limiting
250m
Ω on-resistance
Reverse-current blocking
Built-in soft-start with 0.7ms typical turn-on time
Over-current protection
Over-voltage protection
Short-circuit and thermal protection
ESD protection: 3KV HBM, 300V MM
Ambient temperature range: -40°C to +85°C
Available in “Green” molding compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
UL recognized, file number E322375
IEC60950-1 CB scheme certified
Pin Assignments
Applications
LCD TVs & Monitors
Set-Top-Boxes, Residential Gateways
Laptops, Desktops, Servers
Printers, Docking Stations, HUBs
Smart phones, e-Readers
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Typical Application Circuit
0.1µF
IN
GND
OUT
Power Supply
2.7V to 5.2V
Load
0.1µF
(Top View)
(Top View)
SC59
SOT23
IN
IN
GND
GND
OUT
OUT


Similar Part No. - AP2331

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2331GN-HF A-POWER-AP2331GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline, Surface Mount Device
AP2331GN-HF A-POWER-AP2331GN-HF_14 Datasheet
64Kb / 4P
   Simple Drive Requirement
logo
Diodes Incorporated
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
AP2331TDSA-7 DIODES-AP2331TDSA-7 Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
AP2331TDW-7 DIODES-AP2331TDW-7 Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
More results

Similar Description - AP2331

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Diodes Incorporated
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
AP21410 DIODES-AP21410 Datasheet
916Kb / 14P
   0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
AP2337 DIODES-AP2337 Datasheet
288Kb / 10P
   1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com