Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1892-CD4-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1892-CD4-7
Description  PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1892-CD4-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1892-CD4-7 Datasheet HTML 1Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 2Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 3Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 4Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 5Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 6Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 7Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 8Page - Diodes Incorporated AH1892-CD4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AH1892
PROGRAMMABLE MICROPOWER OMNIPOLAR
HALL-EFFECT SENSOR SWITCH
AH1892
Document number: DS35092 Rev. 1 - 2
2 of 11
www.diodes.com
May 2012
© Diodes Incorporated
Typical Application Circuit
Note : CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical
Pin Descriptions
Package: U-WLB0707-4
Pin #
Pin Name
Description
A1
GND
Ground
A2
OUTPUT
Output
B1
BSEL
Band Select
B2
VDD
Power Supply Voltage
Package: SOT553
Pin #
Pin Name
Description
1
VDD
Power Supply Voltage
2
NC
No Connection (Note 4)
3
BSEL
Band Select
4
GND
Ground
5
OUTPUT
Output
Notes:
4. NC is “No Connection” pin and is not connected internally. This pin can be left open or connected to ground.
Functional Block Diagram


Similar Part No. - AH1892-CD4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1891-CA4-7 DIODES-AH1891-CA4-7 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1893-FA-7 DIODES-AH1893-FA-7 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1893-Z-7 DIODES-AH1893-Z-7 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results

Similar Description - AH1892-CD4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH180 DIODES-AH180_10 Datasheet
248Kb / 13P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
   PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N DIODES-AH180N Datasheet
194Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com