Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF21R0FT Datasheet(PDF) 3 Page - Tyco Electronics

Part # SMF21R0FT
Description  Low Profile Design
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMF21R0FT Datasheet(HTML) 3 Page - Tyco Electronics

  SMF21R0FT Datasheet HTML 1Page - Tyco Electronics SMF21R0FT Datasheet HTML 2Page - Tyco Electronics SMF21R0FT Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Moulded Power Resistor
Type SM Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.
Recommended Pad Dimensions
W Nom.
H Nom.
L Nom.
SM_2
2.6
2.9
2.8
SM_3
4.0
3.4
6.0
SM_5
4.5
3.4
11.0
SMW
2
1R0
FT
Common Part
2 – 2 Watts
3 – 3 Watts
5 - 5 Watts
Case Size
0.1 ohm
(100 milli ohms)
R10
1 ohm
(1000 milli ohms)
1R0
100 ohm
(100 ohms)
100R
1K ohm
(1000 ohms)
1K0
100K ohm
(100,000 ohms)
100K
Resistance Value
Tolerance
SMW – Wirewound
SMF – Metal Film
J – ±5%
F – ±1%
Pack Style
T – Taped
How to Order


Similar Part No. - SMF21R0FT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF210 PACELEADER-SMF210 Datasheet
385Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SMF210A NIUHANG-SMF210A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
DAESAN ELECTRONIC CORP.
SMF210A DAESAN-SMF210A Datasheet
332Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dongguan City Niuhang E...
SMF210CA NIUHANG-SMF210CA Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
DAESAN ELECTRONIC CORP.
SMF210CA DAESAN-SMF210CA Datasheet
332Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF21R0FT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
   low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
   low profile design
logo
Ohmite Mfg. Co.
RES-TL OHMITE-RES-TL Datasheet
341Kb / 2P
   Low profile design
logo
CUI INC
HSS-C52-NP-SMT-TR CUI-HSS-C52-NP-SMT-TR Datasheet
848Kb / 3P
   low profile design
SJ2-2510X-SMT CUI-SJ2-2510X-SMT Datasheet
678Kb / 4P
   low profile design
HSS-C2591-SMT-TR CUI-HSS-C2591-SMT-TR Datasheet
846Kb / 3P
   low profile design
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
   low profile design
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012050LBT WALSIN-RFDIP2012050LBT Datasheet
619Kb / 2P
   RFDIP2012050LBT Low Profile Design
RFDIP2012080LVT WALSIN-RFDIP2012080LVT Datasheet
254Kb / 2P
   RFDIP2012080LVT Low Profile Design
RFDIP1606L238Q1C WALSIN-RFDIP1606L238Q1C Datasheet
379Kb / 3P
   RFDIP1606L238Q1C Low Profile Design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com