Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54F377 Datasheet(PDF) 3 Page - Texas Instruments

Part # 54F377
Description  54F377 Octal D Flip-Flop with Clock Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54F377 Datasheet(HTML) 3 Page - Texas Instruments

  54F377 Datasheet HTML 1Page - Texas Instruments 54F377 Datasheet HTML 2Page - Texas Instruments 54F377 Datasheet HTML 3Page - Texas Instruments 54F377 Datasheet HTML 4Page - Texas Instruments 54F377 Datasheet HTML 5Page - Texas Instruments 54F377 Datasheet HTML 6Page - Texas Instruments 54F377 Datasheet HTML 7Page - Texas Instruments 54F377 Datasheet HTML 8Page - Texas Instruments 54F377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9525 – 2
Pin Assignment
for LCC
TLF9525 – 3
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
CE
Clock Enable (Active LOW)
1010
20 mA b06 mA
CP
Clock Pulse Input
1010
20 mA b06 mA
Q0–Q7
Data Outputs
50333
b
1 mA20 mA
Mode Select-Function Table
Operating Mode
Inputs
Output
CP
CE
Dn
Qn
Load ‘‘1’’
L
Ih
H
Load ‘‘0’’
L
II
L
Hold
L
h
X
No Change
(Do Nothing)
X
H
X
No Change
H e HIGH Voltage Level
h e HIGH Voltage Level one setup time prior to
the LOW-to-HIGH Clock Transition
L e LOW Voltage Level
I e LOW Voltage Level one setup time prior to
the LOW-to-HIGH Clock Transition
X e Immaterial
L e LOW-to-HIGH Clock Transition
Logic Diagram
TLF9525 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2


Similar Part No. - 54F377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54F377FM NSC-54F377FM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54F377LM NSC-54F377LM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
More results

Similar Description - 54F377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com