Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB84-6R8 Datasheet(PDF) 9 Page - NEC

Part # SSB84-6R8
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB84-6R8 Datasheet(HTML) 9 Page - NEC

Back Button SSB84-6R8 Datasheet HTML 5Page - NEC SSB84-6R8 Datasheet HTML 6Page - NEC SSB84-6R8 Datasheet HTML 7Page - NEC SSB84-6R8 Datasheet HTML 8Page - NEC SSB84-6R8 Datasheet HTML 9Page - NEC SSB84-6R8 Datasheet HTML 10Page - NEC SSB84-6R8 Datasheet HTML 11Page - NEC SSB84-6R8 Datasheet HTML 12Page - NEC SSB84-6R8 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
SMD Type
・ Precautions (see page 82)
Model
Inductance
(μH)
at 100kHz
DC resistance
(mΩ)typ.
Rated current(A)
*1 T=40K rise at rated current. *2 Inductance drop 20% at rated current.
●Operating temperature range: −20∼+120℃ (Include self temperature rise)
Large-Current Power Inductors
MPC Series
[RoHS Compliant]
Large-Current Power Inductors
MPC Series
[RoHS Compliant]
MPC0740LR42C
MPC0750LR60C
MPC1040LR36C
MPC1040LR45C
MPC1040LR56C
MPC1040LR88C
MPC1055LR36C
MPC1055L1R0C
MPC1250LR36C
MPC1250LR50C
0.42±20%
0.60±20%
0.36±20%
0.45±20%
0.56±20%
0.88±20%
0.36±20%
1.00±20%
0.36±20%
0.50±20%
1.55±10%
2.30±10%
1.05±10%
1.10±10%
1.30±10%
2.30±10%
0.75±10%
2.30±10%
0.65±10%
0.80±10%
22.0
17.0
25.5
25.0
23.0
17.0
32.0
18.5
38.0
35.0
20.0
19.0
30.0
27.0
25.0
24.0
35.0
21.0
40.0
40.0
Irms *1
(Ref.)
Isat *2
(Ref.)
●MPC0740LR42C
●MPC0750LR60C
●MPC1040LR36C
●MPC1040LR45C
●MPC1040LR56C
●MPC1040LR88C
●MPC1055LR36C
Shape and Dimensions
  Recommended Land Pattern
11.5 Max
4.0 Max
3.3
3.3
5.9
(2.1)
[Part No]
[Lot No]
11.5 Max
[Part No]
[Lot No]
(2.1)
4.0 Max
3.3
3.3
5.9
8.0 Max
[Part No]
[Lot No]
4.0 Max
(1.5)
2.7
3.5
2.7
8.0 Max
5.0 Max
(0.1)
(1.5)
[Part No]
[Lot No]
2.7
3.5
2.7
(2.1)
11.7 Max
5.5 Max
3.3
3.3
5.9
[Part No]
[Lot No]
[mm]
Power Inductors VOL.10
9
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0


Similar Part No. - SSB84-6R8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSB-0218 ETC2-SSB-0218 Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
SSB-0218L ETC2-SSB-0218L Datasheet
123Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Marki Microwave
SSB-0618 MARKIMICROWAVE-SSB-0618 Datasheet
139Kb / 2P
   SINGLE-SIDEBAND DOUBLE-BALANCED MIXERS
logo
Sanken electric
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
logo
LUMEX INC.
SSB-CEL187USBW LUMEX-SSB-CEL187USBW Datasheet
175Kb / 1P
   18.04mm X 8.0mm V.A Custom LED BACKLIGHT 2 CHIPS
More results

Similar Description - SSB84-6R8

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com