Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIRA06DP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIRA06DP
Description  N-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA06DP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIRA06DP Datasheet HTML 3Page - Vishay Siliconix SIRA06DP Datasheet HTML 4Page - Vishay Siliconix SIRA06DP Datasheet HTML 5Page - Vishay Siliconix SIRA06DP Datasheet HTML 6Page - Vishay Siliconix SIRA06DP Datasheet HTML 7Page - Vishay Siliconix SIRA06DP Datasheet HTML 8Page - Vishay Siliconix SIRA06DP Datasheet HTML 9Page - Vishay Siliconix SIRA06DP Datasheet HTML 10Page - Vishay Siliconix SIRA06DP Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Document Number: 71655
www.vishay.com
Revison: 15-Feb-10
1
Package Information
Vishay Siliconix
PowerPAK® SO-8, (SINGLE/DUAL)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.97
1.04
1.12
0.038
0.041
0.044
A1
0.00
-
0.05
0.000
-
0.002
b
0.33
0.41
0.51
0.013
0.016
0.020
c
0.23
0.28
0.33
0.009
0.011
0.013
D
5.05
5.15
5.26
0.199
0.203
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.56
3.76
3.91
0.140
0.148
0.154
D3
1.32
1.50
1.68
0.052
0.059
0.066
D4
0.57 TYP.
0.0225 TYP.
D5
3.98 TYP.
0.157 TYP.
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
5.79
5.89
5.99
0.228
0.232
0.236
E2
3.48
3.66
3.84
0.137
0.144
0.151
E3
3.68
3.78
3.91
0.145
0.149
0.154
E4
0.75 TYP.
0.030 TYP.
e
1.27 BSC
0.050 BSC
K
1.27 TYP.
0.050 TYP.
K1
0.56
-
-
0.022
-
-
H
0.51
0.61
0.71
0.020
0.024
0.028
L
0.51
0.61
0.71
0.020
0.024
0.028
L1
0.06
0.13
0.20
0.002
0.005
0.008
θ
-
12°
-
12°
W
0.15
0.25
0.36
0.006
0.010
0.014
M
0.125 TYP.
0.005 TYP.
ECN: T10-0055-Rev. J, 15-Feb-10
DWG: 5881
3. Dimensions exclusive of mold flash and cutting burrs.
1.
Notes
2
Inch will govern.
Dimensions exclusive of mold gate burrs.
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D
D1
D2
θ
θ
E1
E2
1
2
3
4
H
4
3
2
1
1
2
3
4
L
Z
A1
K
E
W
L1
E3
E4
E4
K
L
H
E2
E3
2


Similar Part No. - SIRA06DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIRA06DP TFUNK-SIRA06DP Datasheet
343Kb / 13P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIRA06DP-T1-GE3 VISHAY-SIRA06DP-T1-GE3 Datasheet
359Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIRA06DP VISHAY-SIRA06DP_V01 Datasheet
359Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIRA06DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com