Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5662AIPFBG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC5662AIPFBG4
Description  DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662AIPFBG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5662AIPFBG4 Datasheet HTML 2Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 3Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 4Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 5Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 6Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 7Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 8Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 9Page - Texas Instruments DAC5662AIPFBG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DAC5662A
SLAS536B – SEPTEMBER 2007 – REVISED DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
AC specifications over operating free-air temperature range, AVDD = DVDD = 3.3 V, I(OUTFS) = 20 mA, independent gain set
mode, differential 1:1 impedance ratio transformer coupled output, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fclk
Maximum output update rate(1)
275
MSPS
Output settling time to 0.1%
ts
Mid-scale transition
20
ns
(DAC)
Output rise time 10% to 90%
tr
1.4
ns
(OUT)
Output fall time 90% to 10%
tf
1.5
ns
(OUT)
I(OUTFS) = 20 mA
55
pA/
√Hz
Output noise
I(OUTFS) = 2 mA
30
pA/
√Hz
AC Linearity
1st Nyquist zone, TA = 25°C, fDATA = 50
81
MSPS, fOUT = 1 MHz, I(OUTFS) = 0 dB
1st Nyquist zone, TA = 25°C, fDATA = 50
83
MSPS, fOUT = 1 MHz, I(OUTFS) = -6 dB
1st Nyquist zone, TA = 25°C, fDATA = 50
81
MSPS, fOUT = 1 MHz, I(OUTFS) = -12 dB
1st Nyquist zone, TA = 25°C, fDATA = 100
85
MSPS, fOUT = 5 MHz
SFDR
Spurious free dynamic range
dBc
1st Nyquist zone, TA = 25°C, fDATA = 100
78
MSPS, fOUT = 20 MHz
1st Nyquist zone, TMIN to TMAX, fDATA = 200
66
71
MSPS, fOUT = 20 MHz
1st Nyquist zone, TA = 25°C, fDATA = 200
68
MSPS, fOUT = 41 MHz
1st Nyquist zone, TA = 25°C, fDATA = 275
72
MSPS, fOUT = 20 MHz
1st Nyquist zone, TA = 25°C, fDATA = 100
73
MSPS, fOUT = 5 MHz
SNR
Signal-to-noise ratio
dB
1st Nyquist zone, TA = 25°C, fDATA = 200
67
MSPS, fOUT = 20 MHz
W-CDMA signal with 3.84-MHz Bandwidth,
70
fDATA = 61.44 MSPS, IF = 15.360 MHz
ACLR
Adjacent channel leakage ratio
dB
W-CDMA signal with 3.84-MHz Bandwidth,
70
fDATA = 122.88 MSPS, IF = 30.72 MHz
Each tone at -6 dBFS, TA = 25°C,
fDATA = 200 MSPS, fOUT = 45.4 and 46.4
62
MHz
Third-order two-tone
IMD3
dBc
intermodulation
Each tone at -6 dBFS, TA = 25°C,
fDATA = 100 MSPS, fOUT = 15.1 and 16.1
78
MHz
Each tone at -12 dBFS, TA = 25°C,
fDATA = 100 MSPS, fOUT = 15.6, 15.8, 16.2,
77
and 16.4 MHz
Each tone at -12 dBFS, TA = 25°C,
IMD
Four-tone intermodulation
fDATA = 165 MSPS, fOUT = 68.8, 69.6, 71.2,
56
dBc
and 72.0 MHz
Each tone at -12 dBFS, TA = 25°C,
fDATA = 165 MSPS, fOUT = 19.0, 19.1, 19.3,
74
and 19.4 MHz
TA = 25°C, fDATA = 165 MSPS,
Channel isolation
97
dBc
fOUT (CH1) = 20 MHz, fOUT (CH2) = 21 MHz
(1)
Specified by design and bench characterization. Not production tested.
6
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5662A


Similar Part No. - DAC5662AIPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFB TI-DAC5662IPFB Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFB TI1-DAC5662IPFB Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5662AIPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com