Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5662IPFB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662IPFB
Description  DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662IPFB Datasheet(HTML) 5 Page - Texas Instruments

  DAC5662IPFB Datasheet HTML 1Page - Texas Instruments DAC5662IPFB Datasheet HTML 2Page - Texas Instruments DAC5662IPFB Datasheet HTML 3Page - Texas Instruments DAC5662IPFB Datasheet HTML 4Page - Texas Instruments DAC5662IPFB Datasheet HTML 5Page - Texas Instruments DAC5662IPFB Datasheet HTML 6Page - Texas Instruments DAC5662IPFB Datasheet HTML 7Page - Texas Instruments DAC5662IPFB Datasheet HTML 8Page - Texas Instruments DAC5662IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ELECTRICAL CHARACTERISTICS
DAC5662
www.ti.com ................................................................................................................................................................ SLAS425B – JULY 2004 – REVISED MAY 2007
over operating free-air temperature range, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz,
independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load
75
90
mA
resistor
IAVDD
Supply current, analog
Sleep mode with clock
2.5
6
mA
Sleep mode without clock
2.5
mA
25
38
mA
IDVDD
Supply current, digital
Sleep mode with clock
12.5
18
mA
Sleep mode without clock
<10
µA
330
390
Power dissipation
Sleep mode without clock
15
mW
fDATA = 275 MSPS, fOUT = 20 MHz
350
APSRR
-0.2
0.2
Power supply rejection ratio
%FSR/V
DPSRR
-0.2
0.2
TA
Operating free-air temperature
-40
85
°C
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5662


Similar Part No. - DAC5662IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662IPFB TI-DAC5662IPFB Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBR TI-DAC5662IPFBR Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBRG4 TI-DAC5662IPFBRG4 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5662IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com