Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WOI1A00BPBY Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # WOI1A00BPBY
Description  Limitless??Wireless Operator Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WOI1A00BPBY Datasheet(HTML) 1 Page - Honeywell Accelerometers

  WOI1A00BPBY Datasheet HTML 1Page - Honeywell Accelerometers WOI1A00BPBY Datasheet HTML 2Page - Honeywell Accelerometers WOI1A00BPBY Datasheet HTML 3Page - Honeywell Accelerometers WOI1A00BPBY Datasheet HTML 4Page - Honeywell Accelerometers WOI1A00BPBY Datasheet HTML 5Page - Honeywell Accelerometers WOI1A00BPBY Datasheet HTML 6Page - Honeywell Accelerometers WOI1A00BPBY Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Limitless™ Wireless Operator Interface
WOI Series
DESCRIPTION
The Limitless™ product line extends to include wireless opera-
tor interface. With both momentary and maintained contacts, the
wireless operator interface (WOI) can be used by an operator
to provide indication via a pushbutton or another user-chosen
operator type (i.e. 22 mm rotary switch, 22 mm key switch, etc.).
The WOI Series adds a human interface device to the product-
driven interfaces of Limitless™ switches and receivers – wireless
control from both person and position.
The WOI Series is especially beneficial for remote monitoring
applications where wiring or wire maintenance is not physically
possible or economically feasible. Combining this greater flex-
ibility with proven harsh-duty packaging can result in increased
efficiencies and ease in establishing a remote operator for use in
a variety of applications, including turning equipment or devices
on or off, opening and closing doors/gates, stopping a produc-
tion conveyor, indicating the need for service, and much more.
FEATURES
Wireless Design
• Radio(license-freeandglobal):WPAN802.15.4,2.4GHz,
point-to-point
• FCC15,IC,ACMA&ETSI
• RoHScompliant
• EMIimmunity
• Upto305m[1000ft]communicationrangewhenused
with a Limitless™ wireless monitor or receiver module (sold
separately)
• Reliable,flexible,andsecurewirelesstransmission
• Standardreplaceablebatterywithultra-lowpowercon-
sumption
• Directorremotemountantennaoptions
Mechanical Design
• Aluminumenclosure
• IP65sealing
• 22mmflush,29mmmushroom,&40mmmushroom(push-
pull) round pushbutton operators available
• Userchosen/installedoperatortypeisallowable
• Momentaryandmaintainedcontactoptions
• Designforeaseofinstallation
BENEFITS
• Enablesoperatorindication(i.e.pushbutton)fromremote
locations where wiring is to costly or not possible
• Flexibilityforuserstochooseandinstalltheirdesiredopera-
tor type; i.e. 22 mm rotary switch, 22 mm key switch, etc.
• AbilitytoreconfigureandnetworkmultipleWOIinputs,or
point-to-pointwithpersonalizedaddresses,whichallows
for adding, subtracting or relocating of Limitless™ WOI
switches easily
• OfferstheabilitytobeusedinconjunctionwithLimitless™
switches configured on a single Limitless™ receiver
• Reducedinstallation/maintenancecostswithnowires,con-
duit, strain relief, clips, connectors, connection boxes, etc.
• Eliminatesissueswithwireconnectionintegrityonmoving
equipment
• Consumesultra-lowpowertoprolongbatterylife
POTENTIAL APPLICATIONS
Industrial
• CNCaction
• Conveyors
• Door/Gateaction
• Lifts
• Materialhandling
• Motordrives
• Presses
• Pumps
• Qualitycontrolbuttons
• Specialtymachines
• Stop/Startmachinery
• Stop/Startproduction
• Valveaction
Transportation
• Agriculturalequipment
• Movablemachinery


Similar Description - WOI1A00BPBY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
Honeywell Accelerometer...
WLS1A00AQBT1 HONEYWELL-ACC-WLS1A00AQBT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
logo
Omron Electronics LLC
NT2S-SF126B-E OMRON-NT2S-SF126B-E Datasheet
481Kb / 6P
   Powerful and Compact Alphanumeric Operator Interface
logo
Radiometrix Ltd
TDI2 RADIOMETRIX-TDI2 Datasheet
510Kb / 4P
   Wireless RS232 Interface Board
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
logo
Red Lion Controls. Inc
G307K2 REDLION-G307K2 Datasheet
1Mb / 4P
   KADET 2 OPERATOR INTERFACE WITH 7" TFT DISPLAY
G07C0000 REDLION-G07C0000 Datasheet
1Mb / 4P
   Graphic Operator Interface Panels with Modular I/O
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Extech Instruments Corp...
EX540 EXTECH-EX540 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com