Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ110 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ110
Description  Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ110 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ110 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ110 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ110 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ110 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ 1500 Watt Peak Power
■ Dimension
Dim
Millimeters
Inches
Min
Max
Min
Max
A
6.60
7.11
0.260
0.280
B
5.59
6.22
0.220
0.245
C
2.90
3.20
0.114
0.126
D
0.125
0.305
0.006
0.012
E
7.75
8.13
0.305
0.320
F
----
0.203
----
0.008
G
2.06
2.62
0.079
0.103
H
0.76
1.52
0.030
0.060
SMC (DO-214AB)
■ Specification
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ5.0
SMCJ5.0C
GDD
BDD
5.0
6.40
7.55
10.0
9.6
156.3
800.0
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.25
10.0
9.2
163.0
800.0
SMCJ6.0
SMCJ6.0C
GDF
BDF
6.0
6.67
8.45
10.0
11.4
131.6
800.0
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.67
10.0
10.3
145.6
800.0
SMCJ6.5
SMCJ6.5C
GDH
BDH
6.5
7.22
9.14
10.0
12.3
122.0
500.0
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
8.30
10.0
11.2
133.9
500.0
SMCJ7.0
SMCJ7.0C
GDL
BDL
7.0
7.78
9.86
10.0
13.3
112.8
200.0
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.95
10.0
12.0
125.0
200.0
SMCJ7.5
SMCJ7.5C
GDN
BDN
7.5
8.33
10.67
1.0
14.3
104.9
100.0
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.58
1.0
12.9
116.3
100.0
SMCJ8.0
SMCJ8.0C
GDQ
BDQ
8.0
8.89
11.3
1.0
15.0
100.0
50.0
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
10.23
1.0
13.6
110.3
50.0
SMCJ8.5
SMCJ8.5C
GDS
BDS
8.5
9.44
11.92
1.0
15.9
94.3
20.0
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.82
1.0
14.4
104.2
20.0
SMCJ9.0
SMCJ9.0C
GDU
BDU
9.0
10.0
12.6
1.0
16.9
88.8
10.0
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.0
11.5
1.0
15.4
97.4
10.0
SMCJ10
SMCJ10C
GDW
BDW
10
11.1
14.1
1.0
18.8
79.8
5.0
SMCJ10A
SMCJ10CA
GDX
BDX
10
11.1
12.8
1.0
17.0
88.2
5.0
SMCJ11
SMCJ11C
GDY
BDY
11
12.2
15.4
1.0
20.1
74.6
5.0
SMCJ11A
SMCJ11CA
GDZ
BDZ
11
12.2
14.0
1.0
18.2
82.4
5.0
SMCJ12
SMCJ12C
GED
BED
12
13.3
16.9
1.0
22.0
68.2
5.0
SMCJ12A
SMCJ12CA
GEE
BEE
12
13.3
15.3
1.0
19.9
75.4
5.0
SMCJ13
SMCJ13C
GEF
BEF
13
14.4
18.2
1.0
23.8
63.0
5.0
SMCJ13A
SMCJ13CA
GEG
BEG
13
14.4
16.5
1.0
21.5
69.8
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Surface Mount TVS
http://www.luguang.cn
Email:lge@luguang.cn
SMCJ5.0---SMCJ440CA


Similar Part No. - SMCJ110

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ110 DCCOM-SMCJ110 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
SMCJ110 SEMITECH-SMCJ110 Datasheet
245Kb / 6P
   Low profile package
logo
Yangzhou yangjie electr...
SMCJ110 YANGJIE-SMCJ110 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ110 FORMOSA-SMCJ110 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
General Semiconductor
SMCJ110 GE-SMCJ110 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ110

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Microsemi Corporation
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com