Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QFN-24 Datasheet(PDF) 8 Page - Texas Instruments

Part # QFN-24
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

QFN-24 Datasheet(HTML) 8 Page - Texas Instruments

Back Button QFN-24 Datasheet HTML 4Page - Texas Instruments QFN-24 Datasheet HTML 5Page - Texas Instruments QFN-24 Datasheet HTML 6Page - Texas Instruments QFN-24 Datasheet HTML 7Page - Texas Instruments QFN-24 Datasheet HTML 8Page - Texas Instruments QFN-24 Datasheet HTML 9Page - Texas Instruments QFN-24 Datasheet HTML 10Page - Texas Instruments QFN-24 Datasheet HTML 11Page - Texas Instruments QFN-24 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
THS6204
SBOS416C – OCTOBER 2007 – REVISED APRIL 2009 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, RF = 1.5kΩ, RL = 100Ω differential, GDiff = 10V/V differential, GCM = 1V/V common-mode, and full bias, unless
otherwise noted. Each port is independently tested.
THS6204IRHF, IPWP
TYP
OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNITS
MAX
LEVEL(1)
OUTPUT CHARACTERISTICS(4)
RL = 100Ω, each output, linear output
±4.9
V
Typ
C
Output voltage swing
RL = 50Ω, each output, linear output
±4.9
±4.75
±4.65
±4.6
V
Min
A
RL = 25Ω, each output, linear output
±4.7
±4.55
±4.45
±4.4
V
Min
A
Output current (sourcing, sinking)
RL = 25Ω, each output
±188
±182
±178
±176
mA
Min
A
Short-circuit output current
±1
A
Typ
C
Output impedance
f = 1MHz, differential
0.2
Typ
C
f = 1MHz,
Port 1 to
Crosstalk
–90
dB
Typ
C
VOUT = 2VPP
port 2
POWER SUPPLY
Operating voltage
±6
V
Typ
C
Maximum operating voltage
±14
±14
±14
V
Max
A
Minimum operating voltage
±5
±5
±5
V
Min
B
Per port, full bias
17
21
21.5
22
mA
Max
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
13.2
16.8
16.9
17
mA
Max
A
(Bias-1 = 1, Bias-2 = 0)
Maximum IS+ quiescent current
Per port, low bias
9.4
12.2
12.3
12.4
mA
Max
A
(Bias-1 = 0, Bias-2 = 1)
Per port, bias off
0.5
0.8
0.9
0.9
mA
Max
A
(Bias-1 = 1, Bias-2 = 1)
Per port, full bias
17
13
11.5
10
mA
Min
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
Minimum IS+ quiescent current
13.2
9.8
9.3
8.9
mA
Min
A
(Bias-1 = 1, Bias-2 = 0)
Per port, low bias
9.4
6.7
6.4
6.0
mA
Min
A
(Bias-1 = 0, Bias-2 = 1)
Per port, full bias
16.5
20.5
21
21.5
mA
Max
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
12.7
16.3
16.4
16.5
mA
Max
A
(Bias-1 = 1, Bias-2 = 0)
Maximum IS– quiescent current
Per port, low bias
8.9
11.7
11.8
11.9
mA
Max
A
(Bias-1 = 0,Bias-2 = 1)
Per port, bias off
0.1
0.3
0.4
0.5
mA
Max
A
(Bias-1 = 1, Bias-2 = 1)
Per port, full bias
16.5
12.5
11
9.5
mA
Min
A
(Bias-1 = 0, Bias-2 = 0)
Per port, mid bias
Minimum IS– quiescent current
12.7
9.3
8.8
8.4
mA
Min
A
(Bias-1 = 1, Bias-2 = 0)
Per port, low bias
8.9
6.2
5.9
5.5
mA
Min
A
(Bias-1 = 0, Bias-2 = 1)
Current through GND pin
0.5
mA
Typ
C
Power-supply rejection ratio (+PSRR)
64
54
53
52
dB
Min
A
Power-supply rejection ratio (–PSRR)
63
52
51
50
dB
Min
A
(4)
Test circuit is shown in Figure 2.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6204


Similar Part No. - QFN-24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
QFN-24 TI1-QFN-24 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Torex Semiconductor
QFN-24 TOREX-QFN-24 Datasheet
335Kb / 4P
   Reference Pattern Layout Dimensions
More results

Similar Description - QFN-24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com