Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4010-DKPB915-BM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # 4010-DKPB915-BM
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4010-DKPB915-BM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button 4010-DKPB915-BM Datasheet HTML 6Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 7Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 8Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 9Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 10Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 11Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 12Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 13Page - Silicon Laboratories 4010-DKPB915-BM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Si4010-DK
10
Rev. 0.1
2.3. IDE Features
The IDE allows the following:
1.
Download the OMF-51 linker output format (Keil BL51 linker output, for example) and match the source
code lines with the compiled file. This allows source code debugging, including variable value viewing, set-
ting breakpoints, single-stepping, etc. Note that the output of the Keil LX51 linker is not understood by the
IDE.
2.
Download the IntelHEX file for the application. When using the IntelHEX file the source code debugging is
not available. The user can set a breakpoint for a specific code address by going through the
Debug
Breakpoints (Alt+B) menu item. The user can also single-step through the disassembly of the
loaded code.
3.
Setting at least 4 breakpoints with a possible maximum of 8. The actual number of breakpoints available is
determined by the IDE from the factory setting of the chip.
4.
Single-stepping through the disassembly of the code. If the OMF file is loaded, the single-stepping is
matched with the source code.
5.
Viewing and changing variables, SFR registers, XREG registers, and the contents of both DATA/IDATA
RAM and CODE/XDATA RAM on the fly during debugging. When the changes are made by the user in the
corresponding windows, the user must press the Refresh Values (Alt+R) button on the toolbar to update
the values in the device. Just changing values in the IDE will not automatically update them in the device.
2.4. IDE Debugging Session
The typical IDE debugging session consists of the following sequence:
1.
Connect the IDE to the chip by hitting the Connect or invoking menu Debug
 Connect menu item.
2.
Download the OMF file either by hitting the Download code (Alt+D) toolbar button or from the
Debug
 Download object code menu item. The latter also allows IntelHEX download, but without the
source code debugging capability.
3.
After the code download, the device is automatically halted at address 0x0000 in CODE/XDATA RAM.
Then the user can set breakpoints, single-step, animate, etc.
4.
The user can hit the Reset (Ctrl+R) toolbar button any time the device is halted (not running). The internal
digital system level reset is invoked and the device goes through the boot sequence. The previously
loaded code by the user into the CODE/XDATA RAM is preserved and the device is halted at the address
0x0000 of CODE/XDATA RAM.
5.
When a bug is found, the user can download a new OMF file whenever the device is halted. There is no
need to disconnect the device from the debug chain or to hit reset. The download, item 2 above, will auto-
matically reset the device after the OMF/IntelHEX new code download is finished. It is very important to
note that whenever the Disconnect toolbar button is hit or the Debug
 Disconnect menu item is
invoked, the debugging chain does the following:
• Enables the LED driver. During the debugging sessions the LED current driver is forcibly disabled.
• Clears all the breakpoints.
• Releases the device from halt and lets it run from the point when it was halted.
2.5. Important Note about Single-Stepping Over ROM Code
Single-stepping through the ROM code is disabled. Whenever the user encounters the call to the ROM API
functions he or she should use the Step Over (F10) toolbar button rather than the Step (F11) or Multiple Step
button.
Even though single-stepping through the ROM API function using the Step (F11) button works from the user’s
point of view, the CPU timing is modified and real-time performance is not guaranteed when using the Step (F11)
or Multiple Step buttons over the ROM API functions. Therefore, it is highly recommended to use the Step Over
(F10) toolbar button when stepping over the ROM API functions in IDE.
Single-stepping over the bMtp_Write() function using Step (F11) or Multiple Step buttons may yield
unpredictable results in the MTP (EEPROM) and is highly discouraged. One should use the Step Over (F10) tool,
run to cursor, or setting a breakpoint when debugging around the MTP write function.


Similar Part No. - 4010-DKPB915-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4010-DKKF434 ETC2-4010-DKKF434 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - 4010-DKPB915-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
Sciosense B.V.
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com