Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4010-KFOBDEV-915 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 4010-KFOBDEV-915
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4010-KFOBDEV-915 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 4010-KFOBDEV-915 Datasheet HTML 4Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 5Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 6Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 7Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 8Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 9Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 10Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 11Page - Silicon Laboratories 4010-KFOBDEV-915 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si4010-DK
8
Rev. 0.1
1.3. Usage of the Key Fob Development Platform
The Silicon Labs IDE communicates with the USB Debug Adapter through the USB bus. The following debugging
scenarios are possible:
1. EC3 debug adapter
 Burning adapterSi4010 socketed key fob development board
This setup is suitable for downloading, running, and debugging the program in RAM or burning the program in the
NVM and running it. The antenna or measuring instrument can be connected through an SMA connector. Since
sockets on board allow use of unsoldered ICs, this is the ideal scenario for burning the NVM memory of Si4010.
2. EC3 debug adapter
 Burning adapter Si4010 MSOP key fob development board
This setup is suitable for downloading, running, and debugging the program in RAM. This board has a PCB
antenna and battery, so after downloading the program and starting the execution by disconnecting in the IDE, the
board can be physically disconnected from the programming interface and tested in mobile form. A switch is
provided on the board to connect/disconnect the battery. The Toolstick Base Adapter can be also used in the two
above scenarios as a debug adapter. It can be connected to the pcb edge connector of the burning adapter.
Note: Although burning is also possible with this setup, it is not practical since Si4010 is soldered on the key fob development
board.


Similar Part No. - 4010-KFOBDEV-915

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-KFOB-434 SILABS-4010-KFOB-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-KFOB-434 SILABS-4010-KFOB-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-KFOB-868 SILABS-4010-KFOB-868 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-KFOB-868 SILABS-4010-KFOB-868 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results

Similar Description - 4010-KFOBDEV-915

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
Sciosense B.V.
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com