Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WOI1A00APAR Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # WOI1A00APAR
Description  Limitless??Wireless Operator Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WOI1A00APAR Datasheet(HTML) 6 Page - Honeywell Accelerometers

  WOI1A00APAR Datasheet HTML 1Page - Honeywell Accelerometers WOI1A00APAR Datasheet HTML 2Page - Honeywell Accelerometers WOI1A00APAR Datasheet HTML 3Page - Honeywell Accelerometers WOI1A00APAR Datasheet HTML 4Page - Honeywell Accelerometers WOI1A00APAR Datasheet HTML 5Page - Honeywell Accelerometers WOI1A00APAR Datasheet HTML 6Page - Honeywell Accelerometers WOI1A00APAR Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6Honeywell•SensingandControl
Limitless™ WOI Series
ANTENNA CABLE OPTIONS
WCA200RNPRSP-002CableAssembly:2ft1
WCA200RNPRSP-010CableAssembly:10ft1
1
use only with WAN06RNJ antenna and when extra cable is desired
WCA200RNJRSP-002CableAssembly:2feetlength2
WCA200RNJRSP-005CableAssembly:5feetlength2
WCA200RNJRSP-010CableAssembly:10feetlength2
WCA200RNJRSP-015CableAssembly:15feetlength2
WCA200RNJRSP-020CableAssembly:20feetlength2
2
Use when extra cable length is desired and allows connection from RP-SMA jack to
RP-SMA plug
MOUNTING OPTIONS
Limitless™PanelMountAccessories
WAMM100RSP-005MagneticAntennaMount:w/5ftofcable3
WAMM100RSP-010MagneticAntennaMount:w/10ftofcable3
3
Use only with WAN01RSP, WAN02RSP, WAN04RSP, WAN05RSP, or WAN08RSP
antennas


Similar Description - WOI1A00APAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
Honeywell Accelerometer...
WLS1A00AQBT1 HONEYWELL-ACC-WLS1A00AQBT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
logo
Omron Electronics LLC
NT2S-SF126B-E OMRON-NT2S-SF126B-E Datasheet
481Kb / 6P
   Powerful and Compact Alphanumeric Operator Interface
logo
Radiometrix Ltd
TDI2 RADIOMETRIX-TDI2 Datasheet
510Kb / 4P
   Wireless RS232 Interface Board
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
logo
Red Lion Controls. Inc
G307K2 REDLION-G307K2 Datasheet
1Mb / 4P
   KADET 2 OPERATOR INTERFACE WITH 7" TFT DISPLAY
G07C0000 REDLION-G07C0000 Datasheet
1Mb / 4P
   Graphic Operator Interface Panels with Modular I/O
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Extech Instruments Corp...
EX540 EXTECH-EX540 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com