Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80-7882001 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-7882001
Description  Datamate Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-7882001 Datasheet(HTML) 1 Page - Harwin Plc

  M80-7882001 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.harwin.com
20
All dimensions in mm.
Datamate Connectors
Female Crimp
Part numbers are for housings and the equivalent
number of contacts.
Contacts are rear insertable.
For British Standard versions see pages 14 to 15.
Hoods & cable assembly service available –
contact datamate@harwin.com.
Spare contacts are available – see page 16.
FINISH
01
Gold + Tin
05
Gold
TOTAL NO. OF CONTACTS
Single Row
02 to 07, 17
Double Row
04, 06, 08, 10, 12, 14, 16, 18, 20, 26, 34
TYPE
788 Extra Small Bore, Double Row 889 Large Bore, Double Row
798 Extra Small Bore, Single Row
898 Small Bore, Single Row
888 Small Bore, Double Row
899 Large Bore, Single Row
SERIES CODE
M80 – XXX XX XX
TOOLS
Recommended Crimp Tool – M22520/2-01
Positioner – T5747
Contact Insertion/Removal Tool – Z80-280
See pages 77 to 79
Instruction sheets available at www.harwin.com/downloads/instructions
WIRE STRIPPING DETAILS
HOW TO ORDER
SINGLE ROW
DOUBLE ROW
CALCULATION
A
B + 5.15
B
Total No. of contacts – 2
CALCULATION
A
B + 5.15
B
(Total No. of contacts – 1) x 2
A max.
3.50 max.
2.00
B
7.65 max.
Ø1.10 max. (Ø0.75 max
for extra small bore)
2.00 Nominal
A max.
5.45 max.
7.65 max.
2.00
2.00
B


Similar Part No. - M80-7882001

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
M80-7-45 PREMO-M80-7-45 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
logo
Harwin Plc
M80-7002705 HARWIN-M80-7002705 Datasheet
116Kb / 1P
   3-ROW 2mm PITCH CONNECTOR, MALE, STRAIGHT THROUGHBOARD P.C TAIL
M80-7002722 HARWIN-M80-7002722 Datasheet
116Kb / 1P
   3-ROW 2mm PITCH CONNECTOR, MALE, STRAIGHT THROUGHBOARD P.C TAIL
M80-7002742 HARWIN-M80-7002742 Datasheet
116Kb / 1P
   3-ROW 2mm PITCH CONNECTOR, MALE, STRAIGHT THROUGHBOARD P.C TAIL
M80-7003605 HARWIN-M80-7003605 Datasheet
116Kb / 1P
   3-ROW 2mm PITCH CONNECTOR, MALE, STRAIGHT THROUGHBOARD P.C TAIL
More results

Similar Description - M80-7882001

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8673422 HARWIN-M80-8673422 Datasheet
3Mb / 1P
   Datamate Connectors
M80-8260422P HARWIN-M80-8260422P Datasheet
452Kb / 1P
   Datamate Connectors
M80-4540698 HARWIN-M80-4540698 Datasheet
574Kb / 1P
   Datamate Connectors
M80-0110001 HARWIN-M80-0110001 Datasheet
389Kb / 1P
   Datamate Connectors
M80-8880201 HARWIN-M80-8880201 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8430205 HARWIN-M80-8430205 Datasheet
628Kb / 1P
   Datamate Connectors
M80-8520205 HARWIN-M80-8520205 Datasheet
782Kb / 1P
   Datamate Connectors
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
M80-308 HARWIN-M80-308 Datasheet
78Kb / 1P
   DATAMATE MIX-TEK
M80-001 HARWIN-M80-001 Datasheet
47Kb / 1P
   DATAMATE LOCKING LATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com