Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

350A Datasheet(PDF) 3 Page - NEC

Part # 350A
Description  Noise Filters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

350A Datasheet(HTML) 3 Page - NEC

  350A Datasheet HTML 1Page - NEC 350A Datasheet HTML 2Page - NEC 350A Datasheet HTML 3Page - NEC 350A Datasheet HTML 4Page - NEC 350A Datasheet HTML 5Page - NEC 350A Datasheet HTML 6Page - NEC 350A Datasheet HTML 7Page - NEC 350A Datasheet HTML 8Page - NEC 350A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Noise Filters VOL.11
3
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Large-Current Power Inductors
MPC Series
P9
Large-Current Power Inductors
MPCG Series
P13
Large-Current Power Inductors
MPLC Series
P15
P18
Large-Current Power Inductors
C • PI Series
P21
Leadless Power Inductors
PLC-0735 Series
P24
Leadless Power Inductors
PLC-0745 Series
P27
Leadless Power Inductors
PLC-0755 Series
P30
Leadless Power Inductors
PLC-0760 Series
P33
Leadless Power Inductors
PLC-1035 Series
P36
Leadless Power Inductors
PLC-1045 Series
P39
Leadless Power Inductors
PLC-1055 Series
P42
Leadless Power Inductors
PLC-1060 Series
P45
Leadless Power Inductors
PLC-1235 Series
P48
Leadless Power Inductors
PLC-1245 Series
P51
Leadless Power Inductors
PLC-1255 Series
P54
Leadless Power Inductors
P • I Series
P56
Leadless Power Inductors
P • H Series
P58
SN-S3M Series
P60
Leadless Power Inductors
H • DI-0520 Series
P62
Leadless Power Inductors
H • DI-0630 Series
P64
Leadless Power Inductors
H • DI-0740 Series
P66
Leadless Power Inductors
H • DI-0940 Series
P68
Leadless Power Inductors
H • DI-1040 Series
P70
Leadless Power Inductors
H • DI-1240 Series
P72
Leadless Power Inductors
H • DI-1245G Series
P74
Leadless Power Inductors
H • DI-1280G Series
P76
High Inductance Type SMD Inductors
H • LI Series
P78
SSB Coils
P84
OH Coils
P86
SHP Coils
P87
SBC Coils
P93
SBCP-47HY Coils
Power Inductors
SMD Type
DIP Type
SBCP-80HY Coils
P97
P95
SBCP-87HY Coils
(Continued)
Classification of NEC TOKIN
's EMI suppression parts


Similar Part No. - 350A

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350AXF100M25X20 RUBYCON-350AXF100M25X20 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350AXF120M30X20 RUBYCON-350AXF120M30X20 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350AXF150M35X20 RUBYCON-350AXF150M35X20 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350AXF180M35X20 RUBYCON-350AXF180M35X20 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350AXF47M20X20 RUBYCON-350AXF47M20X20 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 350A

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com