Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69R818A Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM69R818A
Description  Memory Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R818A Datasheet(HTML) 3 Page - Motorola, Inc

  MCM69R818A Datasheet HTML 1Page - Motorola, Inc MCM69R818A Datasheet HTML 2Page - Motorola, Inc MCM69R818A Datasheet HTML 3Page - Motorola, Inc MCM69R818A Datasheet HTML 4Page - Motorola, Inc MCM69R818A Datasheet HTML 5Page - Motorola, Inc MCM69R818A Datasheet HTML 6Page - Motorola, Inc MCM69R818A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Motorola Master Selection Guide
Memory Products
2.8–3
SYNCHRONOUS
BurstRAMs
Description
Organi–
zation
VCC
Motorola
Part Number
Pin
Count
Packaging
Access Time
(ns Max)
Pro–
duction
Comments
4M
256K x 18
3.3 V
MCM69P819
100
119
(TQ) TQFP
(ZP) PBGA
3.5/3.8/4
1Q98
Pipelined BurstRAM for servers, switches, and workstations.
XCM available now.
MCM69F819
100
119
(TQ) TQFP
(ZP) PBGA
7.5/8/8.5/11
1Q98
Flow–through BurstRAM for servers, switches, and workstations.
XCM available now.
128K x 36
3.3 V
MCM69P737
100
119
(TQ) TQFP
(ZP) PBGA
3.5/3.8/4
1Q98
Pipelined BurstRAM for servers, switches, and workstations.
XCM available now.
MCM69F737
100
119
(TQ) TQFP
(ZP) PBGA
7.5/8/8.5/11
1Q98
Flow–through BurstRAM for servers, switches, and workstations.
XCM available now.
128K x 32
3.3 V
MCM63P733
100
(TQ) TQFP
4/4.5/5
1Q98
133 MHz pipelined BurstRAM, for servers and notebooks.
Sampling now at 100 MHz.
MCM63F733
100
(TQ) TQFP
10/11
1Q98
75 MHz flow–through BurstRAM, for servers and datacomm.
2M
64K x 32
3.3 V
MCM63P631
100
(TQ) TQFP
(DW) TrueDie
117 MHz
4.5/7/8 ns
4.5/7/8 ns
Now
4Q97
117 MHz pipelined BurstRAM, for desktop PCs and
communications applications.
Pipelined BurstRAM for ultraportable computing.
MCM63PV631
100
(TQ) TQFP
133/117/66/60
MHz
Now
2.5 V I/O GreenRAM. For MMX processor, notebooks, and
low–power communication applications needs.
32K x 32
3.3 V
MCM63P535
(DW) TrueDie
4.5/7/8
4Q97
Pipelined BurstRAM for ultraportable computing.
1M
64K x 18
3.3 V
MCM69F618C
100
(TQ) TQFP
8.5/9/10/12
4Q97
5 V tolerant on all pins. Samples 3Q97.
MCM69P618C
100
(TQ) TQFP
4/4.5/5/6/7
4Q97
5 V tolerant on all pins. Samples 3Q97.
5 V
MCM67B618A
52
(FN) PLCC
8.5/9/10/12
Now
Flow–through BurstRAM for Pentium
™, MIPS. Not for new
designs, suggest MCM67B618B.
MCM67B618B
52
(FN) PLCC
8.5/9/10/12
4Q97
Flow–through BurstRAM for Pentium, MIPS.
MCM67C618A
52
(FN) PLCC
5/7
Now
Pipelined BurstRAM for Pentium. Not for new designs, suggest
MCM67C618B.
MCM67C618B
52
(FN) PLCC
5/7
4Q97
Pipelined BurstRAM for Pentium and communication
applications.
MCM67M618A
52
(FN) PLCC
9/10/12
Now
Flow–through BurstRAM for PowerPC
™. Not for new designs,
suggest MCM67M618B.
MCM67M618B
52
(FN) PLCC
9/10/12
4Q97
Flow–through BurstRAM for PowerPC.
32K x 36
3.3 V
MCM69F536B
100
(TQ) TQFP
8.5/9/10/12
Now
Flow–through BurstRAM, 5 V tolerant I/Os. Not for new designs,
suggest MCM69F536C.
MCM69F536C
100
(TQ) TQFP
8.5/9/10/12
4Q97
5 V tolerant on all pins. Samples 3Q97.
MCM69P536B
100
(TQ) TQFP
4/4.5/5/6/7
Now
Pipelined BurstRAM, 5 V tolerant I/Os. Not for new designs,
suggest MCM69P536C.
MCM69P536C
100
(TQ) TQFP
4/4.5/5/6/7
4Q97
5 V tolerant on all pins. Samples 3Q97.
ASYNCHRONOUS
Density
Organi–
zation
VCC
Motorola
Part Number
Pin
Count
Packaging
Package width in mils
Access TIme
(ns Max)
Pro–
duction
Comments
4M
512K x 8
5 V
MCM6246
36
400 (WJ) SOJ
17/20/25
Now
Output enable. Revolutionary pinout.
5 V
MCM6246A
36
400 (WJ) SOJ
15
Now
For switches and basestations.
3.3 V
MCM6946
36
400 (YJ) SOJ
10/12/15
1Q98
For telecom, storage and computing applications.
Samples 4Q97.
256K x 16
3.3 V
MCM6343
44
44
400 (YJ) SOJ
TSOP
10/12/15
2Q98
For telecom, modems, cellular, storage and computing
applications. Samples 1Q98.
1M x 4
5 V
MCM6249
32
400 (WJ) SOJ
20/25/35
Now
Output enable. Revolutionary pinout.
5 V
MCM6249A
32
400 (WJ) SOJ
15
Now
Replaces MCM6249. For switches, routers and
basestations.
3.3 V
MCM6949
32
400 (YJ) SOJ
10/12/15
1Q98
For telecom, storage, and computing applications.
Samples 4Q97.
3M
128K x 24
3.3 V
MCM6341
119
(ZP) PBGA
10/12/15
1Q98
DSP applications for base stations, cost, and other
communication applications. Samples late 4Q97.
1M
64K x 18
5 V
MCM67A618A
52
(FN) PLCC
10/12/15
Now
Not recommended for new designs. Suggest
MCM67A618B.
5 V
MCM67A618B
52
(FN) PLCC
10/12/15
Now
General asynchronous, latched address and data.
64K x 16
3.3 V
MCM6323
44
400 (YJ) SOJ
12/15
Now
Not recommended for new designs. Suggest MCM6323A.
3.3 V
MCM6323A
44
400 (YJ) SOJ
(TS) TSOP
10/12/15
4Q97
Industrial temperature offered. Revolutionary pinout. DSP
applications. Samples 3Q97.
128K x 8
5 V
MCM6226BB
32
300 (EJ), 400 (XJ) SOJ
15/17/20/25
Now
Evolutionary pinout.
5 V
MCM6726C
32
400 (WJ) SOJ
6/7
Now
Revolutionary pinout.
5 V
MCM6726D
32
400 (WJ) SOJ
7.5/8/10/12
Now
Revolutionary pinout.
3.3 V
MCM6326
32
400 (YJ) SOJ
12/15/20
1Q98
Revolutionary pinout. Samples January 98.
3.3 V
MCM6926A
32
400 (WJ) SOJ
8/10/12/15
Now
Revolutionary pinout.
256K x 4
5 V
MCM6229BB
28
300 (EJ), 400 (XJ) SOJ
15/17/20/25
Now
Evolutionary pinout.


Similar Part No. - MCM69R818A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818AZP5 MOTOROLA-MCM69R818AZP5 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP5R MOTOROLA-MCM69R818AZP5R Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP6 MOTOROLA-MCM69R818AZP6 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP6R MOTOROLA-MCM69R818AZP6R Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP7 MOTOROLA-MCM69R818AZP7 Datasheet
224Kb / 20P
   4M Late Write HSTL
More results

Similar Description - MCM69R818A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
F2732 FAIRCHILD-F2732 Datasheet
307Kb / 6P
   MOS Memory Products
logo
Japan Aviation Electron...
SG5S009V1A1 JAE-SG5S009V1A1 Datasheet
276Kb / 7P
   Sockets/Memory Products
logo
Toshiba Semiconductor
TC511001AP TOSHIBA-TC511001AP Datasheet
949Kb / 21P
   TOSHIBA MOS MEMORY PRODUCTS
TC511002P TOSHIBA-TC511002P Datasheet
1Mb / 16P
   TOSHIBA MOS MEMORY PRODUCTS
TMM2064P-10 TOSHIBA-TMM2064P-10 Datasheet
379Kb / 6P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL TOSHIBA-TC55257AFL Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC511001P TOSHIBA-TC511001P Datasheet
2Mb / 16P
   TOSHIBA MOS MEMORY PRODUCTS
logo
Microchip Technology
DV243003 MICROCHIP-DV243003 Datasheet
162Kb / 16P
   MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
01/02/08
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com