Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24CS02-WWU11M-T Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24CS02-WWU11M-T
Description  I2C-Compatible (2-wire) Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS02-WWU11M-T Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24CS02-WWU11M-T Datasheet HTML 1Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 2Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 3Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 4Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 5Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 6Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 7Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 8Page - ATMEL Corporation AT24CS02-WWU11M-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Atmel AT24CS01/02 [PRELIMINARY DATASHEET]
8815A–SEEPR–6/12
1.
Description
The Atmel® AT24CS01 and AT24CS02 provides 1024/2048 bits of Serial Electrically Erasable and Programmable
Read-only Memory (EEPROM) organized as 128/256 words of eight bits each. The device is optimized for use in many
industrial and commercial applications where low-power and low-voltage operation are essential. The AT24CS01/02 is
available in space-saving, 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN and 5-lead SOT23 packages and is
accessed via a 2-wire serial interface. In addition, both devices fully operate from 1.7V to 5.5V VCC.
The AT24CS01/02 provides the additional feature of a factory programmed, guaranteed unique 128-bit serial number,
while maintaining all of the traditional features available in the 1-Kbit or 2-Kbit Serial EEPROM. The time consuming step
of performing and ensuring true serialization of product on a manufacturing line can be removed from the production flow
by employing the CS Series Serial EEPROM. The 128-bit serial number is programmed and permanently locked from
future writing during the Atmel production process. Further, this 128-bit location does not consume any of the user
read/write area of the 1-Kbit or 2-Kbit Serial EEPROM. The uniqueness of the serial number is guaranteed across the
entire CS Series of Serial EEPROMs, regardless of the size of the memory array or the type of interface protocol. This
means that as an application's needs for memory size or interface protocol evolve in future generations, any previously
deployed serial number from any Atmel CS Series Serial EEPROM part will remain valid.
2.
Pin Descriptions and Pinout
Figure 2-1. Pin Configuration
Note:
For use of 5-lead SOT23, the software A2, A1, and A0 bits in the device address word must be set to
zero to properly communicate with the device.
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
5
4
SCL
GND
SDA
WP
VCC
5-lead SOT23
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-pad UDFN
Bottom View
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP


Similar Part No. - AT24CS02-WWU11M-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
More results

Similar Description - AT24CS02-WWU11M-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
   I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
   I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com