Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR938 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR938
Description  30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR938 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR938 Datasheet HTML 1Page - Solid States Devices, Inc SDR938 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0075E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR93__ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
/61 = TO-61
Family/Voltage
7 = 700V
8 = 800V
9 = 900V
10 = 1000V
11 = 1100V
12 = 1200V
SDR937/61
thru
SDR9312/61
30 Amp
ULTRA FAST RECTIFIER
700 – 1200 Volt
60 nsec
Features:
Soft recovery diode
Ultra fast recovery: 60 nsec maximum
Available with faster recovery
High surge rating
Low reverse leakage current
Low junction capacitance
Hermetically sealed package
Gold eutectic die attach available
Ultrasonic aluminum wire bonds
TX, TXV, and S-level screening available –
Contact factory
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse
and DC Blocking Voltage
SDR937
SDR938
SDR939
SDR9310
SDR9311
SDR9312
VRRM
VRWM
VR
700
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
450
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
°C
Maximum Thermal Resistance
Junction to Case
RJC
1.3
°C/W
Notes:
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
TO-61


Similar Part No. - SDR938

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR938 SSDI-SDR938 Datasheet
218Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR938 SSDI-SDR938 Datasheet
109Kb / 2P
   ULTRA FAST RECTIFIER
SDR938/3 SSDI-SDR938/3 Datasheet
209Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR938/61 SSDI-SDR938/61 Datasheet
217Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR938CT/3 SSDI-SDR938CT/3 Datasheet
215Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR938

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR627G SSDI-SDR627G Datasheet
312Kb / 2P
   20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR627-59 SSDI-SDR627-59 Datasheet
317Kb / 2P
   20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR647CT SSDI-SDR647CT Datasheet
215Kb / 2P
   40 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR627CT-28 SSDI-SDR627CT-28 Datasheet
222Kb / 2P
   20 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR646CTM SSDI-SDR646CTM Datasheet
120Kb / 2P
   40AMPS 600 - 700 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR1210UF SSDI-SDR1210UF Datasheet
218Kb / 2P
   12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
1N6690 SSDI-1N6690_1 Datasheet
94Kb / 2P
   20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
   3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com