Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5311 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5311
Description  1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5311 Datasheet HTML 7Page - Texas Instruments DAC5311 Datasheet HTML 8Page - Texas Instruments DAC5311 Datasheet HTML 9Page - Texas Instruments DAC5311 Datasheet HTML 10Page - Texas Instruments DAC5311 Datasheet HTML 11Page - Texas Instruments DAC5311 Datasheet HTML 12Page - Texas Instruments DAC5311 Datasheet HTML 13Page - Texas Instruments DAC5311 Datasheet HTML 14Page - Texas Instruments DAC5311 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Time(500ns/div)
AV
=5V
ClockFeedthroughImpulse~0.5nV-s
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:800h
ToCode:801h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
<0.5nV-s
AV
=5V
FromCode:801h
ToCode:800h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
~1nV-s
AV
=5V
FromCode:80h
ToCode:81h
DD
Time(5 s/div)
m
Clock
Feedthrough
~0.5nV-s
GlitchImpulse
~1nV-s
AV
=5V
FromCode:81h
ToCode:80h
DD
DAC5311
DAC6311
DAC7311
www.ti.com
SBAS442A
– AUGUST 2008 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with midscale code, unless otherwise noted.
CLOCK FEEDTHROUGH
5V, 2MHz, MIDSCALE
Figure 24.
GLITCH ENERGY
GLITCH ENERGY
5V, 12-BIT, 1LSB STEP, RISING EDGE
5V, 12-BIT, 1LSB STEP, FALLING EDGE
Figure 25.
Figure 26.
GLITCH ENERGY
GLITCH ENERGY
5V, 8-BIT, 1LSB STEP, RISING EDGE
5V, 8-BIT, 1LSB STEP, FALLING EDGE
Figure 27.
Figure 28.
Copyright
© 2008–2011, Texas Instruments Incorporated
11


Similar Part No. - DAC5311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311 TI-DAC5311 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311-Q1 TI-DAC5311-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
More results

Similar Description - DAC5311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
logo
Murata Power Solutions ...
ADC-HX12BGC MURATA-PS-ADC-HX12BGC Datasheet
190Kb / 6P
   12-Bit, 8 and 20關sec Analog-to-Digital Converters
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com