Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4360-9 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4360-9
Description  Clock Generator PLL with Integrated VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-9 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4360-9 Datasheet HTML 7Page - Analog Devices ADF4360-9 Datasheet HTML 8Page - Analog Devices ADF4360-9 Datasheet HTML 9Page - Analog Devices ADF4360-9 Datasheet HTML 10Page - Analog Devices ADF4360-9 Datasheet HTML 11Page - Analog Devices ADF4360-9 Datasheet HTML 12Page - Analog Devices ADF4360-9 Datasheet HTML 13Page - Analog Devices ADF4360-9 Datasheet HTML 14Page - Analog Devices ADF4360-9 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADF4360-9
Rev. B | Page 11 of 24
The truth table for these bits is shown in Table 5. Figure 22
shows a summary of how the latches are programmed. Note
that the test modes latch is used for factory testing and should
not be programmed by the user.
Table 5. C2 and C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
Control
0
1
R Counter
1
0
N Counter (B)
1
1
Test Modes
VCO
The VCO core in the ADF4360 family uses eight overlapping
bands, as shown in Figure 18, to allow a wide frequency range
to be covered without a large VCO sensitivity (KV) and resultant
poor phase noise and spurious performance.
The correct band is chosen automatically by the band select
logic at power-up or whenever the N counter latch is updated.
It is important that the correct write sequence be followed at
power-up. The correct write sequence is as follows:
1.
R Counter Latch
2.
Control Latch
3.
N Counter Latch
During band selection, which takes five PFD cycles, the VCO
VTUNE is disconnected from the output of the loop filter and
connected to an internal reference voltage.
0
1.0
0.5
2.5
2.0
1.5
3.5
3.0
80
85
90
100
95
105
115
110
FREQUENCY (MHz)
Figure 18. VTUNE, ADF4360-9, L1 and L2 = 270 nH vs. Frequency
The R counter output is used as the clock for the band select
logic and should not exceed 1 MHz. A programmable divider is
provided at the R counter input to allow division by 1, 2, 4, or 8
and is controlled by the BSC1 bit and the BSC2 bit in the R counter
latch. Where the required PFD frequency exceeds 1 MHz, the
divide ratio should be set to allow enough time for correct band
selection. For many applications, it is usually best to set this to 8.
After band selection, normal PLL action resumes. The value of
KV is determined by the value of the inductors used (see the
Choosing the Correct Inductance Value section). The ADF4360
family contains linearization circuitry to minimize any variation
of the product of ICP and KV.
The operating current in the VCO core is programmable in four
steps: 2.5 mA, 5 mA, 7.5 mA, and 10 mA. This is controlled by
the PC1 bit and the PC2 bit in the control latch.
It is strongly recommended that only the 5 mA setting be used.
However, in applications requiring a low VCO frequency, the
high temperature coefficient of some inductors may lead to the
VCO tuning voltage varying as temperature changes. The 7.5 mA
VCO core power setting shows less tuning voltage variation over
temperature in these applications and can be used, provided that
240 Ω resistors are used in parallel with Pin 9 and Pin 10, instead of
the default 470 Ω.


Similar Part No. - ADF4360-9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-9 AD-ADF4360-9 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZ AD-ADF4360-9BCPZ Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZRL AD-ADF4360-9BCPZRL Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZRL7 AD-ADF4360-9BCPZRL7 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
More results

Similar Description - ADF4360-9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
AK8186B AKM-AK8186B Datasheet
1Mb / 69P
   Multi Output Clock Generator with Integrated 2.0GHz VCO
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com