Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4360-5BCP Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4360-5BCP
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-5BCP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4360-5BCP Datasheet HTML 6Page - Analog Devices ADF4360-5BCP Datasheet HTML 7Page - Analog Devices ADF4360-5BCP Datasheet HTML 8Page - Analog Devices ADF4360-5BCP Datasheet HTML 9Page - Analog Devices ADF4360-5BCP Datasheet HTML 10Page - Analog Devices ADF4360-5BCP Datasheet HTML 11Page - Analog Devices ADF4360-5BCP Datasheet HTML 12Page - Analog Devices ADF4360-5BCP Datasheet HTML 13Page - Analog Devices ADF4360-5BCP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADF4360-5
Rev. A | Page 10 of 24
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4360 family allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the function
latch. The full truth table is shown in Table 7. Figure 13 shows
the MUXOUT section in block diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital and analog. Digital lock detect is active high. When LDP
in the R counter latch is set to 0, digital lock detect is set high
when the phase error on three consecutive phase detector cycles
is less than 15 ns.
With LDP set to 1, five consecutive cycles of less than 15 ns
phase error are required to set the lock detect. It stays set high
until a phase error of greater than 25 ns is detected on any sub-
sequent PD cycle.
The N-channel open-drain analog lock detect should be oper-
ated with an external pull-up resistor of 10 kΩ nominal. When a
lock has been detected, the output is high with narrow low-
going pulses.
R COUNTER OUTPUT
N COUNTER OUTPUT
DIGITAL LOCK DETECT
DGND
CONTROL
MUX
MUXOUT
DVDD
ANALOG LOCK DETECT
SDOUT
Figure 13. MUXOUT Circuit
INPUT SHIFT REGISTER
The ADF4360 family’s digital section includes a 24-bit input
shift register, a 14-bit R counter, and an 18-bit N counter,
comprised of a 5-bit A counter and a 13-bit B counter. Data is
clocked into the 24-bit shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from the
shift register to one of four latches on the rising edge of LE. The
destination latch is determined by the state of the two control
bits (C2, C1) in the shift register. The two LSBs are DB1 and
DB0, as shown in Figure 2.
The truth table for these bits is shown in Table 5. Table 6 shows
a summary of how the latches are programmed. Note that the
test mode latch is used for factory testing and should not be
programmed by the user.
Table 5. C2 and C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
Control Latch
0
1
R Counter
1
0
N Counter (A and B)
1
1
Test Mode Latch
VCO
The VCO core in the ADF4360 family uses eight overlapping
bands, as shown in Figure 14, to allow a wide frequency range to
be covered without a large VCO sensitivity (KV) and resultant
poor phase noise and spurious performance.
The correct band is chosen automatically by the band select
logic at power-up or whenever the N counter latch is updated. It
is important that the correct write sequence be followed at
power-up. This sequence is
1.
R counter latch
2.
Control latch
3.
N counter latch
During band selection, which takes five PFD cycles, the VCO
VTUNE is disconnected from the output of the loop filter and is
connected to an internal reference voltage.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1000
1100
1200
1150
1050
1350
1300
1250
1400 1450 1500
FREQUENCY (MHz)
Figure 14. Frequency vs. VTUNE, ADF4360-5
The R counter output is used as the clock for the band select logic
and should not exceed 1 MHz. A programmable divider is provided
at the R counter input to allow division by 1, 2, 4, or 8 and is con-
trolled by Bits BSC1 and BSC2 in the R counter latch.Where the
required PFD frequency exceeds 1 MHz, the divide ratio should be
set to allow enough time for correct band selection.
After band select, normal PLL action resumes. The nominal value
of KV is 31 MHz/V or 15 MHz/V if divide-by-2 operation has been
selected (by programming DIV2 [DB22] high in the N counter
latch). The ADF4360 family contains linearization circuitry to
minimize any variation of the product of ICP and KV.


Similar Part No. - ADF4360-5BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-5BCP AD-ADF4360-5BCP Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5BCPZ AD-ADF4360-5BCPZ Datasheet
347Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-5BCPZRL7 AD-ADF4360-5BCPZRL7 Datasheet
347Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-5BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com