Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLB20G227M(15) Datasheet(PDF) 6 Page - NEC

Part # PSLB20G227M(15)
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLB20G227M(15) Datasheet(HTML) 6 Page - NEC

  PSLB20G227M(15) Datasheet HTML 1Page - NEC PSLB20G227M(15) Datasheet HTML 2Page - NEC PSLB20G227M(15) Datasheet HTML 3Page - NEC PSLB20G227M(15) Datasheet HTML 4Page - NEC PSLB20G227M(15) Datasheet HTML 5Page - NEC PSLB20G227M(15) Datasheet HTML 6Page - NEC PSLB20G227M(15) Datasheet HTML 7Page - NEC PSLB20G227M(15) Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
15
4
220
C
PSLC0G227M
88
9
55
1414
9
14
±20%
±20%
220
C
PSLC0G227M(45)
88
9
45
1563
9
14
±20%
±20%
220
C
PSLC0G227M(25)
88
9
25
2098
9
14
±20%
±20%
220
C
PSLC0G227M(18)
88
9
18
2472
9
14
±20%
±20%
220
V
PSLV0G227M
88
10
45
1667
10
15
±20%
±20%
220
V
PSLV0G227M(25)
88
10
25
2236
10
15
±20%
±20%
220
V
PSLV0G227M(18)
88
10
18
2635
10
15
±20%
±20%
220
V
PSLV0G227M(15)
88
10
15
2887
10
15
±20%
±20%
220
V
PSLV0G227M(12)
88
10
12
3227
10
15
±20%
±20%
220
D
PSLD0G227M
88
10
55
1651
10
15
±20%
±20%
220
D
PSLD0G227M(40)
88
10
40
1936
10
15
±20%
±20%
220
D
PSLD0G227M(25)
88
10
25
2449
10
15
±20%
±20%
220
D
PSLD0G227M(15)
88
10
15
3162
10
15
±20%
±20%
220
D
PSLD0G227M(12)
88
10
12
3536
10
15
±20%
±20%
330
C
PSLC0G337M
132
10
55
1414
10
15
±20%
±20%
330
C
PSLC0G337M(25)
132
10
25
2098
10
15
±20%
±20%
330
V
PSLV0G337M
132
10
45
1667
10
15
±20%
±20%
330
V
PSLV0G337M(25)
132
10
25
2236
10
15
±20%
±20%
330
V
PSLV0G337M(15)
132
10
15
2887
10
15
±20%
±20%
330
V
PSLV0G337M(12)
132
10
12
3227
10
15
±20%
±20%
330
D
PSLD0G337M
132
10
40
1936
10
15
±20%
±20%
330
D
PSLD0G337M(25)
132
10
25
2449
10
15
±20%
±20%
330
D
PSLD0G337M(15)
132
10
15
3162
10
15
±20%
±20%
470
D
PSLD0G477M
188
10
25
2449
10
15
±20%
±20%
470
D
PSLD0G477M(18)
188
10
18
2887
10
15
±20%
±20%
470
D
PSLD0G477M(15)
188
10
15
3162
10
15
±20%
±20%
470
D
PSLD0G477M(12)
188
10
12
3536
10
15
±20%
±20%
470
D
PSLD0G477M(10)
188
10
10
3873
10
15
±20%
±20%
680
D
PSLD0G687M
272
10
25
2449
10
15
±20%
±20%
680
D
PSLD0G687M(15)
272
10
15
3162
10
15
±20%
±20%
680
D
PSLD0G687M(12)
272
10
12
3536
10
15
±20%
±20%
6.3
2.2
J
PSLJ0J225M
10
4
500
141
4
6
±20%
±20%
3.3
J
PSLJ0J335M
10
4
500
141
4
6
±20%
±20%
3.3
P
PSLP0J335M
3
6
300
289
6
9
±20%
±20%
4.7
J
PSLJ0J475M
10
4
500
141
4
6
±20%
±20%
4.7
P
PSLP0J475M
3
6
300
289
6
9
±20%
±20%
6.8
J
PSLJ0J685M
10
6
500
141
6
6
±20%
±20%
6.8
P
PSLP0J685M
4.2
6
300
289
6
9
±20%
±20%
6.8
A
PSLA0J685M
4.2
6
300
500
6
9
±20%
±20%
10
P
PSLP0J106M
6.3
6
200
354
6
9
±20%
±20%
10
A2
PSLA20J106M
6.3
6
200
548
6
9
±20%
±20%
10
A
PSLA0J106M
6.3
6
200
612
6
9
±20%
±20%
15
A2
PSLA20J156M
9.4
6
200
548
6
9
±20%
±20%
15
A
PSLA0J156M
9.4
6
200
612
6
9
±20%
±20%
15
B2
PSLB20J156M
9.4
8
150
753
8
12
±20%
±20%
22
A2
PSLA20J226M
13.8
6
200
548
6
9
±20%
±20%
22
A
PSLA0J226M
13.8
6
180
645
6
9
±20%
±20%
22
B3
PSLB30J226M
13.8
8
70
1035
8
12
±20%
±20%
22
B2
PSLB20J226M
13.8
8
150
753
8
12
±20%
±20%
33
A
PSLA0J336M
20.7
6
180
645
6
9
±20%
±20%
33
B3
PSLB30J336M
20.7
8
70
1035
8
12
±20%
±20%
33
B2
PSLB20J336M
20.7
8
150
753
8
12
±20%
±20%
47
A
PSLA0J476M
29.6
6
180
645
6
9
±20%
±20%
47
A
PSLA0J476M(70)
29.6
6
70
1035
6
9
±20%
±20%
47
B3
PSLB30J476M
29.6
8
70
1035
8
12
±20%
±20%
47
B3
PSLB30J476M(55)
29.6
8
55
1168
8
12
±20%
±20%
47
B2
PSLB20J476M
29.6
8
150
753
8
12
±20%
±20%
47
B2
PSLB20J476M(70)
29.6
8
70
1102
8
12
±20%
±20%
47
C2
PSLC20J476M
29.6
9
70
1134
9
14
±20%
±20%
47
C
PSLC0J476M
29.6
9
100
1049
9
14
±20%
±20%
68
B3
PSLB30J686M
42.8
8
70
1035
8
12
±20%
±20%
68
B2
PSLB20J686M
42.8
8
70
1102
8
12
±20%
±20%
68
B2
PSLB20J686M(55)
42.8
8
55
1243
8
12
±20%
±20%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
Leakage
Current
( F)
( A)
DF
(%)
(m )
ESR
Permissible
Ripple
Current
(mA rms.)
Rated
Capacitance Change
+105℃
at Endurance
Soldering Heat
at Resistance to
at Surge Voltage
Max
Max
Max
DF (%) Max
-55℃
*1
*1: Measure frequency
z: 300kHz, none: 100 kHz


Similar Part No. - PSLB20G227M(15)

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLB20G227M(15)

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com