Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9518-1ABCPZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9518-1ABCPZ-RL7
Description  6-Output Clock Generator with Integrated 2.5 GHz VCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-1ABCPZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9518-1ABCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD9518-1ABCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AD9518-1
Data Sheet
Rev. C | Page 8 of 64
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING INTERNAL VCO)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is clean,
so a wider PLL loop bandwidth is used;
reference = 15.36 MHz; R = 1
VCO = 2.46 GHz; LVPECL = 491.52 MHz; PLL LBW = 55 kHz
142
fs rms
Integration BW = 200 kHz to 10 MHz
370
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.46 GHz; LVPECL = 122.88 MHz; PLL LBW = 55 kHz
145
fs rms
Integration BW = 200 kHz to 10 MHz
356
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.46 GHz; LVPECL = 61.44 MHz; PLL LBW = 55 kHz
195
fs rms
Integration BW = 200 kHz to 10 MHz
402
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK CLEANUP USING INTERNAL VCO)
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup where the reference source is jittery,
so a narrower PLL loop bandwidth is used;
reference = 10.0 MHz; R = 20
VCO = 2.49 GHz; LVPECL = 622.08 MHz; PLL LBW = 125 Hz
745
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.49 GHz; LVPECL = 155.52 MHz; PLL LBW = 125 Hz
712
fs rms
Integration BW = 12 kHz to 20 MHz
VCO = 2.46 GHz; LVPECL = 122.88 MHz; PLL LBW = 125 Hz
700
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO)
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical
setup using an external 245.76 MHz VCXO
(Toyocom TCO-2112); reference = 15.36 MHz;
R = 1
LVPECL = 245.76 MHz; PLL LBW = 125 Hz
54
fs rms
Integration BW = 200 kHz to 5 MHz
77
fs rms
Integration BW = 200 kHz to 10 MHz
109
fs rms
Integration BW = 12 kHz to 20 MHz
LVPECL = 122.88 MHz; PLL LBW = 125 Hz
79
fs rms
Integration BW = 200 kHz to 5 MHz
114
fs rms
Integration BW = 200 kHz to 10 MHz
163
fs rms
Integration BW = 12 kHz to 20 MHz
LVPECL = 61.44 MHz; PLL LBW = 125 Hz
124
fs rms
Integration BW = 200 kHz to 5 MHz
176
fs rms
Integration BW = 200 kHz to 10 MHz
259
fs rms
Integration BW = 12 kHz to 20 MHz


Similar Part No. - AD9518-1ABCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
AD9518-0A-PCBZ AD-AD9518-0A-PCBZ Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
AD9518-0ABCPZ AD-AD9518-0ABCPZ Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
AD9518-0ABCPZ-RL7 AD-AD9518-0ABCPZ-RL7 Datasheet
1Mb / 64P
   6-Output Clock Generator
REV. C
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
More results

Similar Description - AD9518-1ABCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9518_1 AD-AD9518_1_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. C
AD9517-1 AD-AD9517-1_15 Datasheet
2Mb / 80P
   12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9517-1 AD-AD9517-1 Datasheet
2Mb / 80P
   12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9518-2 AD-AD9518-2 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
AD9518-4 AD-AD9518-4 Datasheet
985Kb / 64P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
REV. B
AD9518_2 AD-AD9518_2_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com