Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVZD0J227M Datasheet(PDF) 2 Page - NEC

Part # SVZD0J227M
Description  SV/Z Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVZD0J227M Datasheet(HTML) 2 Page - NEC

  SVZD0J227M Datasheet HTML 1Page - NEC SVZD0J227M Datasheet HTML 2Page - NEC SVZD0J227M Datasheet HTML 3Page - NEC SVZD0J227M Datasheet HTML 4Page - NEC SVZD0J227M Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL13E1106E1
SV/Z Series
39
SVZ D
1C 107 M
DC rated voltage in volts
Capacitance Tolerance
Capacitance (pF)
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
M:
±20%
Case code
SV/Z Series
0G: 4 V, 0J: 6.3 V, 1A: 10 V, 1C: 16 V
1D: 20 V, 1E: 25 V, 1V: 35 V
TE
[Bulk]
[Tape and Reel]
SVZD1C107M 12 R
Packing Orientation
Tape width
R : Cathode on the Side
of Sproket Hole
Part number of Bulk
Tape and Reel
8: 8 mm (A, B2 case)
12: 12 mm (C, V, D cases)
TE: 180mm
φ reel
TL SVZD1C107M 12 R
E
Indicates 330mm
φ reel
Tape and Reel
TL: 330mm
φ reel
í PART NUMBER SYSTEM
í STANDARD C-V VALUE REFERENCE BY CASE CODE
*Number : ESR (m )
4V
6.3V
10V
16V
20V
25V
35V
F
0G
0J
1A
1C
1D
1E
1V
6.8
685
CC
600
600
10
106
AB2D
800
600
300
15
156
DD
250
300
22
226
B2
D
800200
33
336
D
200
47
476
C , D
D
D
300 , 140
150
150
68
686
B2
B2
C, D
250
250
200, 150
100
107
C , D
C2, C, V, D
D
150 , 150
150,125,150,100
100
150
157
C , D
V , D
125 , 100
150 , 100
220
227
D
V , D
D
100
150 , 100
100
330
337
V , D
V , D
150 , 100
100 , 100
UR
UR :Rated Voltage


Similar Part No. - SVZD0J227M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVZ1400 SSDI-SVZ1400 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
SVZ5.6 SSDI-SVZ5.6 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
More results

Similar Description - SVZD0J227M

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SV SHARMA-SV Datasheet
353Kb / 2P
   SV Series
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
   F/SV Series
ESVD0G687M NEC-ESVD0G687M Datasheet
161Kb / 8P
   E/SV Series
logo
Seoul Semiconductor
X92050C SEOUL-X92050C Datasheet
603Kb / 15P
   Z-Power series
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com