Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVZD0J337M Datasheet(PDF) 4 Page - NEC

Part # SVZD0J337M
Description  SV/Z Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SVZD0J337M Datasheet(HTML) 4 Page - NEC

  SVZD0J337M Datasheet HTML 1Page - NEC SVZD0J337M Datasheet HTML 2Page - NEC SVZD0J337M Datasheet HTML 3Page - NEC SVZD0J337M Datasheet HTML 4Page - NEC SVZD0J337M Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL13E1106E1
SV/Z Series
41
í PERFORMANCE CHARACTERISTICS
Test Conditions : Conform to IEC 60384-1
at 85℃
at 125℃
at 85℃
at 120 Hz
at 100 kHz
solder dip : 260℃, 5sec
solder reflow : 260℃, 10sec
25V
16V
33V
35V
22V
46V
16V
10V
20V
20V
13V
26V
6.3V
4V
8V
10V
6.3V
13V
4V
2.5V
5.2V
Lower than 1.25 times initial
specification
Parts shall be temperature cycled
over a temperature range of –55 to
+125℃, five times continuously as
follow.
Step 1: –55 ℃, 30±3min.
Step 2: room temp. , 10 to 15min.
Step 3: 125 ℃, 30±3min.
Step 4: room temp, 10 to 15min.
Refer to Standard Ratings
at 40℃
at 90 to 95% RH
500 hour
at 85℃ : Rated voltage
at 125℃ : Derated voltage
2000 hour
Strength : 4.9N
Time : 10±0.5sec.
(two directions)
Conform to IEC60384–1
0.125C • V( A) or 6.25 A,
which ever is greater
Lower than initial
specification
Lower than initial
specification
PERFORMANCE
TEST CONDITION
Operating temperature
Rated voltage (V.dc)
Derated voltage (V.dc)
Surge voltage (V.dc)
Capacitance
Capacitance tolerance
DC Leakage Current (L.C)
Dissipation Factor
Equivalent Series Resistance
–55℃ to +125℃
ITEM
Surge voltage test
6.8
F to 330
F
L.C
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 120 Hz
±20% or ±10%
λ0 = 1% / 1000 hour
Visual:
There shall be no evidence of mechanical damage
Refer to Standard Ratings
Refer to Standard Ratings
Refer to Standard Ratings
at 85℃ : Rated voltage
at 125℃ : Derated voltage
2000 hour
Lower than initial
specification
Lower than initial
specification
Endurance
Damp heat
Failure Rate
Terminal Strength
Others
Conform to IEC60384–1
Lower than 1.25 times initial
specification
Voltage:
Rated voltage for 5min.
Temperature : 85±2℃
Applied voltage : Surge voltage
Series resistance : 33 ohm
Duration of surge : 30±5 sec
Time between surge : 5.5min.
Number of cycle : 1000
0.01C • V( A) or 0.5 A , whichever is greater
Lower than initial
specification
Lower than initial
specification
Capacitance change
DF(%)
Lower than initial
specification
Rapid change of
temperature
Resistance to Soldering
heat
Characteristic
at high and low
temperature
Lower than initial
specification
–55℃
+85℃
+125℃
Not to exceed –12%
Not to exceed +12%
Lower than initial
specification
Refer to Standard Ratings
Refer to Standard Ratings
–––––––
Not to exceed +15%
0.1C • V( A) or 5 A,
which ever is greater
Step 1: 25±2℃
Step 2: –55 ℃
Step 3: 25±2℃
Step 4: 125 ℃
0
–3
0
–3
0
–3
0
–3
Derated voltage at 85℃ at more
[UT] = [UR] –
[UR] – [UC]
40
Reference : Derated voltage (85 to 125
°C)
[UT] : Derated voltage at operating temperature
[UR] : Rated voltage
[UC] : Derated voltage at 125
°C
T : Operating temperature
(T–85)


Similar Part No. - SVZD0J337M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVZ1400 SSDI-SVZ1400 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
SVZ5.6 SSDI-SVZ5.6 Datasheet
47Kb / 1P
   100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
More results

Similar Description - SVZD0J337M

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SV SHARMA-SV Datasheet
353Kb / 2P
   SV Series
logo
NEC
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
   F/SV Series
ESVD0G687M NEC-ESVD0G687M Datasheet
161Kb / 8P
   E/SV Series
logo
Seoul Semiconductor
X92050C SEOUL-X92050C Datasheet
603Kb / 15P
   Z-Power series
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com