Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMM50-200-10LA Datasheet(PDF) 9 Page - NEC

Part # TMM50-200-10LA
Description  Piezoelectric Ceramics
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

TMM50-200-10LA Datasheet(HTML) 9 Page - NEC

Back Button TMM50-200-10LA Datasheet HTML 5Page - NEC TMM50-200-10LA Datasheet HTML 6Page - NEC TMM50-200-10LA Datasheet HTML 7Page - NEC TMM50-200-10LA Datasheet HTML 8Page - NEC TMM50-200-10LA Datasheet HTML 9Page - NEC TMM50-200-10LA Datasheet HTML 10Page - NEC TMM50-200-10LA Datasheet HTML 11Page - NEC TMM50-200-10LA Datasheet HTML 12Page - NEC TMM50-200-10LA Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
2010.03.19 9307PIEVOL04E
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
Piezoelectric Ceramics Vol.04 9
Table 1-1 shows the material characteristics of NEC
TOKIN's standard NEPEC® NPM ceramic materials.
Notes
1. Frequency constants;
N1 : Radial frequency constant (fr
×D)
N2 : Lengthwise frequency constant (fr
× )
N3 : Longitudial frequency constant (fa
× )
N4 : Thickness frequency constant (fa
× )
N5 : Shear frequency constant (fa
× )
2. The temperature and aging characteristics shown are
values of radial vibration for a sample of 17.7
φ×1.0t
(mm) in size.
3. The values of Kr (electromechanical coupling
coefficient) shown in parentheses are approximate
values. All others are exact.
Characteristics of Standard Materials
NEPEC
® NPM Ceramics
resonant
To
ectrodes of a
ated for a
e taken of
every 2
n
aging rate
quency or
r polarization
tic
ys after
r
specified
al
· · · · · (19)
· · · · · (20)


Similar Part No. - TMM50-200-10LA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMM SAMTEC-TMM Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
logo
Transko Electronics, In...
TMM TRANSKO-TMM Datasheet
981Kb / 7P
   MEMS OSCILLATOR
Rev 3: 06-27-2022
logo
Samtec, Inc
TMM SAMTEC-TMM Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
TMM-1-L-04-1 AMPHENOL-TMM-1-L-04-1 Datasheet
319Kb / 1P
   TMM SERIES SMT FEMALE STRAIGHT
More results

Similar Description - TMM50-200-10LA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
7BB-27-4L0 MURATA1-7BB-27-4L0_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2CL0 MURATA1-7BB-41-2CL0_V01 Datasheet
200Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2 MURATA1-7BB-41-2_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2C MURATA1-7BB-41-2C_V01 Datasheet
198Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
logo
Amphenol Wilcoxon Sensi...
F7-1 WILCOXON-F7-1 Datasheet
202Kb / 1P
   Piezoelectric shaker
Rev.G 10/21
logo
CUI Devices
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
Murata Manufacturing Co...
7BB-12-9 MURATA-7BB-12-9 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
7BB-35-3 MURATA-7BB-35-3_17 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com